Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 384 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 384 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 380Page - Texas Instruments TDA2SA Datasheet HTML 381Page - Texas Instruments TDA2SA Datasheet HTML 382Page - Texas Instruments TDA2SA Datasheet HTML 383Page - Texas Instruments TDA2SA Datasheet HTML 384Page - Texas Instruments TDA2SA Datasheet HTML 385Page - Texas Instruments TDA2SA Datasheet HTML 386Page - Texas Instruments TDA2SA Datasheet HTML 387Page - Texas Instruments TDA2SA Datasheet HTML 388Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 427 page
background image
DQ0
DQ7
LDM
LDQS
LDQS
DQ8
DQ15
UDM
UDQS
UDQS
BA0
BA2
A0
A14
CS
CAS
RAS
WE
CKE
CK
CK
VREF
1 K Ω 1%
vdds_ddrx
(A)
DDR2
VREF
0.1 µF
VREF
0.1 µF
1 K Ω 1%
0.1 µF
(B)
0.1 µF
(B)
NC
ODT
NC
NC
NC
1 KΩ
NC
NC
1 KΩ
1 KΩ
1 KΩ
vdds_ddrx
(A)
vdds_ddrx
(A)
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
Termination is required. See terminator comments.
NC
NC
NC
ddrx_d0
ddrx_d7
ddrx_dqm0
ddrx_dqs0
ddrx_dqsn0
ddrx_d8
ddrx_d15
ddrx_dqm1
ddrx_dqs1
ddrx_dqsn1
ddrx_d16
ddrx_d23
ddrx_dqm2
ddrx_dqsn2
ddrx_dqs2
ddrx_d24
ddrx_d31
ddrx_dqm3
ddrx_dqsn3
ddrx_dqs3
ddrx_ba0
ddrx_odt1
ddrx_odt0
ddrx_ba2
ddrx_a0
ddrx_a14
ddrx_csn0
ddrx_casn
ddrx_rasn
ddrx_wen
ddrx_cke
ddrx_ck
ddrx_nck
ddrx_vref0
ddrx_csn1
ddrx_rst
PCB_DDR2_2
384
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
A.
vdds_ddrx is the power supply for the DDR2 memories and the Device DDR2 interface.
B.
One of these capacitors can be eliminated if the divider and its capacitors are placed near a VREF pin.
Figure 8-51. 16-Bit DDR2 High-Level Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com