Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 381 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 381 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 377Page - Texas Instruments TDA2SA Datasheet HTML 378Page - Texas Instruments TDA2SA Datasheet HTML 379Page - Texas Instruments TDA2SA Datasheet HTML 380Page - Texas Instruments TDA2SA Datasheet HTML 381Page - Texas Instruments TDA2SA Datasheet HTML 382Page - Texas Instruments TDA2SA Datasheet HTML 383Page - Texas Instruments TDA2SA Datasheet HTML 384Page - Texas Instruments TDA2SA Datasheet HTML 385Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 427 page
background image
ddrx_ck
1
PCB_DDR2_0
xi_oscj
vssa_oscj
Device
xo_oscj
C
f1
Crystal
Rd
C
f2
(Optional)
SPRS85v_PCB_CLK_OSC_3
381
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
j in *_osc = 0 or 1
Figure 8-48. Grounding Scheme for High-Frequency Clock
8.7
DDR2/DDR3 Board Design and Layout Guidelines
8.7.1
DDR2/DDR3 General Board Layout Guidelines
To help ensure good signaling performance, consider the following board design guidelines:
•
Avoid crossing splits in the power plane.
•
Minimize Vref noise.
•
Use the widest trace that is practical between decoupling capacitors and memory module.
•
Maintain a single reference.
•
Minimize ISI by keeping impedances matched.
•
Minimize crosstalk by isolating sensitive bits, such as strobes, and avoiding return path discontinuities.
•
Use proper low-pass filtering on the Vref pins.
•
Keep the stub length as short as possible.
•
Add additional spacing for on-clock and strobe nets to eliminate crosstalk.
•
Maintain a common ground reference for all bypass and decoupling capacitors.
•
Take into account the differences in propagation delays between microstrip and stripline nets when
evaluating timing constraints.
8.7.2
DDR2 Board Design and Layout Guidelines
8.7.2.1
Board Designs
TI only supports board designs that follow the guidelines outlined in this document. The switching
characteristics and the timing diagram for the DDR2 memory controller are shown in Table 8-30 and
Figure 8-49.
Table 8-30. Switching Characteristics Over Recommended Operating Conditions for DDR2 Memory
Controller
NO.
PARAMETE
R
DESCRIPTION
MIN
MAX
UNIT
DDR21
tc(DDR_CLK)
Cycle time, DDR_CLK
2.5
8
ns
Figure 8-49. DDR2 Memory Controller Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com