Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 378 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 378 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 374Page - Texas Instruments TDA2SA Datasheet HTML 375Page - Texas Instruments TDA2SA Datasheet HTML 376Page - Texas Instruments TDA2SA Datasheet HTML 377Page - Texas Instruments TDA2SA Datasheet HTML 378Page - Texas Instruments TDA2SA Datasheet HTML 379Page - Texas Instruments TDA2SA Datasheet HTML 380Page - Texas Instruments TDA2SA Datasheet HTML 381Page - Texas Instruments TDA2SA Datasheet HTML 382Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 427 page
background image
378
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
(1) A reference plane may be a ground plane or the power plane referencing the PCIe signals.
8.5.6.2.2 Routing Specifications
8.5.6.2.2.1 Impedance
The PCIe data signal traces must be routed to achieve 100-Ω (±10%) differential impedance and 60-Ω
(±10%) single-ended impedance. The single-ended impedance is required because differential signals are
extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes important.
These requirements are the same as those recommended in the PCIe Motherboard Checklist 1.0
document, available from PCI-SIG (www.pcisig.com).
These impedances are impacted by trace width, trace spacing, distance between signals and referencing
planes, and dielectric material. Verify with a PCB design tool that the trace geometry for both data signal
pairs result in as close to 100-Ω differential impedance and 60-Ω single-ended impedance as possible. For
best accuracy, work with your PCB fabricator to ensure this impedance is met. See Table 8-26 below.
8.5.6.2.2.2 Differential Coupling
In general, closely coupled differential signal traces are not an advantage on PCBs. When differential
signals are closely coupled, tight spacing and width control is necessary. Very small width and spacing
variations affect impedance dramatically, so tight impedance control can be more problematic to maintain
in production. For PCBs with very tight space limitations (which are usually small) this can work, but for
most PCBs, the loosely coupled option is probably best.
Loosely coupled PCB differential signals make impedance control much easier. Wider traces and spacing
make obstacle avoidance easier (because each trace is not so fixed in position relative to the other), and
trace width variations don’t affect impedance as much, therefore it’s easier to maintain an accurate
impedance over the length of the signal. For longer routes, the wider traces also show reduced skin effect
and therefore often result in better signal integrity with a larger eye diagram opening.
Table 8-26 shows the routing specifications for the PCIe data signals.
Table 8-26. PCI-E Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCIe signal trace length (device balls to PCIe connector)
4700(1)
Mills
Differential pair trace matching
5(2)
Mils
Number of stubs allowed on PCIe traces(3)
0
stubs
TX/RX pair differential impedance
90
100
110
Ω
TX/RX single-ended impedance
54
60
66
Ω
Pad size of vias on PCIe trace
25(4)
Mils
Hole size of vias on PCIe trace
14
Mils
Number of vias on each PCIe trace
0
Vias
PCIe differential pair to any other trace spacing
2×DS(5)
(1) Beyond this, signal integrity may suffer.
(2) For example, RXP0 within 5 Mils of RXN0.
(3) Inline pads may be used for probing.
(4) 35-Mil antipad maximum recommended.
(5) DS = differential spacing of the PCIe traces.
Table 8-27. PCI-E Routing Recommendations
Item
Description
Reason
ESD part number
None
ESD suppression generally not
used on PCIe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com