Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 374 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 374 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 370Page - Texas Instruments TDA2SA Datasheet HTML 371Page - Texas Instruments TDA2SA Datasheet HTML 372Page - Texas Instruments TDA2SA Datasheet HTML 373Page - Texas Instruments TDA2SA Datasheet HTML 374Page - Texas Instruments TDA2SA Datasheet HTML 375Page - Texas Instruments TDA2SA Datasheet HTML 376Page - Texas Instruments TDA2SA Datasheet HTML 377Page - Texas Instruments TDA2SA Datasheet HTML 378Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 427 page
background image
TopLayer: Routing from SoC through CMF,
and ESD to connector.
Layer2, GND: Gaps carved in GND underneath,
CMF, ESD, and connector.
AC Cap
CMF
CMF
v
ia
v
ia
AC Cap
v
ia
v
ia
CMF
CMF
CMF
CMF
SPRS85x_PCB_HDMI_3
374
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Table 8-17. TDMS Routing Recommendations (continued)
Item
Description
Reason
Carve Ground
Carve GND underneath ESD and CMF
Minimize capacitance under ESD
and CMF
Round pads
Reduce pad size and round the corners of the pads for the ESD and
CMF components
Minimize capacitance
Routing layer
Route all signals only on the same layer as SoC
Minimize reflection loss
Figure 8-44presents an example layout, demonstrating the “carve GND” concept.
Figure 8-44. HDMI Example “carve GND” layout
8.5.4.3
TPD5S115
The TPD5S115 is an integrated HDMI companion chip solution. The device provides a regulated 5 V
output (5VOUT) for sourcing the HDMI power line. The TPD5S115 exceeds the IEC61000-4-2 (Level 4)
ESD protection level.
8.5.4.4
HDMI ESD Protection Device (Required)
Interfaces that connect to a cable such as HDMI generally require more ESD protection than can be built
into the processor’s outputs. Therefore this HDMI interface requires the use of an ESD protection chip to
provide adequate ESD.
When selecting an ESD protection chip, choose the lowest capacitance ESD protection available to
minimize signal degradation. In no case should be ESD protection circuit capacitance be more than 5pF.
TI manufactures these devices that provide ESD protection for HDMI signals such as the TPDxE05U06.
For more information see the www.ti.com website.
8.5.4.5
PCB Stackup Specifications
Table 8-18 shows the stackup and feature sizes required for HDMI.
Table 8-18. HDMI PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB Routing/Plane Layers
4
6
-
Layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com