Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 373 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 373 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 369Page - Texas Instruments TDA2SA Datasheet HTML 370Page - Texas Instruments TDA2SA Datasheet HTML 371Page - Texas Instruments TDA2SA Datasheet HTML 372Page - Texas Instruments TDA2SA Datasheet HTML 373Page - Texas Instruments TDA2SA Datasheet HTML 374Page - Texas Instruments TDA2SA Datasheet HTML 375Page - Texas Instruments TDA2SA Datasheet HTML 376Page - Texas Instruments TDA2SA Datasheet HTML 377Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 427 page
background image
373
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.5.4.2
TMDS General Routing Guidelines
The TMDS signals are high speed differential pairs. Care must be taken in the PCB layout of these signals
to ensure good signal integrity.
The TMDS differential signal traces must be routed to achieve 100 Ohms (+/- 10%) differential impedance
and 60 ohms (+/-10%) single ended impedance. Single ended impedance control is required because
differential signals can’t be closely coupled on PCBs and therefore single ended impedance becomes
important.
These impedances are impacted by trace width, trace spacing, distance to reference planes, and dielectric
material. Verify with a PCB design tool that the trace geometry for both data signal pairs results in as
close to 60 ohms impedance traces as possible. For best accuracy, work with your PCB fabricator to
ensure this impedance is met.
In general, closely coupled differential signal traces are not an advantage on PCBs. When differential
signals are closely coupled, tight spacing and width control is necessary. Very small width and spacing
variations affect impedance dramatically, so tight impedance control can be more problematic to maintain
in production.
Loosely coupled PCB differential signals make impedance control much easier. Wider traces and spacing
make obstacle avoidance easier, and trace width variations don’t affect impedance as much, therefore it’s
easier to maintain accurate impedance over the length of the signal. The wider traces also show reduced
skin effect and therefore often result in better signal integrity.
Some general routing guidelines regarding TMDS:
•
Avoid crossing splits reference plane(s).
•
Shorter trace length is preferred.
•
Distance between common mode filter (CMF) and ESD protection device should be as short as
possible
•
Distance between ESD protection device and HDMI connector should be as short as possible.
Table 8-16 shows the routing specifications for the TMDS signals.
Table 8-16. TMDS Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Device balls to HDMI header trace length
4000
Mills
Skew within a differential pair
3
5
Mils
Number of stubs allowed on TMDS traces
0
stubs
TMDS pair differential impedance
90
100
110
Ω
TMDS single-ended impedance
54
60
66
Ω
Number of vias on each TMDS trace
0
Vias
TMDS differential pair to any other trace spacing (1) (2) (3)
2×DS
3xDS
Mils
Number of ground plane cuts allowed within HDMI routing region (except for specific
ground carving as explained in this document)
0
Cuts
Number of layers between HDMI routing region and reference ground plane
0
Layers
PCB trace width
4.4
Mils
(1) DS = differential spacing of the traces.
(2) Exceptions may be necessary in the SoC package BGA area.
(3) GND guard-bands may be closer, but should not be allowed to affect the impedance of the differential pair routing. GND guard-bands to
isolate HDMI differential pairs from all other signals is recommended.
Table 8-17. TDMS Routing Recommendations
Item
Description
Reason
ESD part number
TPD1E05U06
Minimize capacitance (0.42pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com