Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 370 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 370 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 366Page - Texas Instruments TDA2SA Datasheet HTML 367Page - Texas Instruments TDA2SA Datasheet HTML 368Page - Texas Instruments TDA2SA Datasheet HTML 369Page - Texas Instruments TDA2SA Datasheet HTML 370Page - Texas Instruments TDA2SA Datasheet HTML 371Page - Texas Instruments TDA2SA Datasheet HTML 372Page - Texas Instruments TDA2SA Datasheet HTML 373Page - Texas Instruments TDA2SA Datasheet HTML 374Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 427 page
background image
370
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.5.3.2
USB 3.0 General routing rules
Some general routing guidelines regarding USB 3.0:
•
Avoid crossing splits reference plane(s).
•
Shorter trace length is preferred.
•
Minimize the via usage and layer transition
•
Keep large spacing between TX and RX pairs.
•
Intra-lane delay mismatch between DP and DM less than 1ps. Same for RXp and RXn.
•
Distance between common mode filter (CMF) and ESD protection device should be as short as
possible
•
Distance between ESD protection device and USB connector should be as short as possible.
•
Distance between AC capacitors (TX only) and CMF should be as short as possible.
•
USB 3.0 signals should always be routed over an adjacent ground plane.
Table 8-13 and Table 8-14 present routing specification and recommendations for USB1 in the device.
Table 8-13. USB1 Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Device balls to USB 3.0 connector trace
length
3500
Mils
Skew within a differential pair
3
6
Mils
Number of stubs allowed on TX/RX traces
0
Stubs
TX/RX pair differential impedance
83.7
90
96.3
Ω
Number of vias on each TX/RX trace (1)
2
Vias
Differential pair to any other trace spacing (2)
(3) (4)
2xDS
3xDS
Number of ground plane cuts allowed within
USB3 routing region (except for specific
ground carving as explained in this
document)
0
Cuts
Number of layers between USB3.0 routing
region and reference ground plane
0
Layers
PCB trace width
6
Mils
PCB BGA escape via pad size
18
Mils
PCB BGA escape via hole size
10
Mils
(1) Vias must be used in pairs and spaced equally along a signal path.
(2) DS = differential spacing of the traces.
(3) Exceptions may be necessary in the SoC package BGA area.
(4) GND guard-bands on the same layer may be closer, but should not be allowed to affect the impedance of the differential pair routing.
GND guard-bands to isolate USB3.0 differential pairs from all other signals are recommended.
Table 8-14. USB1 Routing Recommendations
Item
Description
Reason
ESD location
Place ESD component on same layer as connector (no via or stub to
ESD component)
Eliminate reflection loss from via
& stub to ESD
ESD part number
TPD1E05U06
Minimize capacitance (0.42pF)
CMF part number
DLW21SN900HQ2
Manufacturer’s recommended
device
Connector
Use USB3.0 connector with supporting s-parameter model
Enable full signal chain
simulation
Carve Ground
Carve GND underneath AC Caps, ESD, CMF, and connector
Minimize capacitance under ESD
and CMF
Round pads
Minimize pad size and round the corners of the pads for the ESD
and CMF components
Minimize capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com