Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 367 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 367 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 363Page - Texas Instruments TDA2SA Datasheet HTML 364Page - Texas Instruments TDA2SA Datasheet HTML 365Page - Texas Instruments TDA2SA Datasheet HTML 366Page - Texas Instruments TDA2SA Datasheet HTML 367Page - Texas Instruments TDA2SA Datasheet HTML 368Page - Texas Instruments TDA2SA Datasheet HTML 369Page - Texas Instruments TDA2SA Datasheet HTML 370Page - Texas Instruments TDA2SA Datasheet HTML 371Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 427 page
background image
367
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
For the contact discharge test mode, the preferred way is direct contact applied to the conductive surfaces
of the equipment under test (EUT). In the case of the USB system, the conductive surface is the outer
casing of the USB connector. The electrode of the ESD generator is held in contact with the EUT or a
coupling plane prior to discharge. The arc formation is created under controlled conditions, inside a relay,
resulting in repeatable waveforms; however, this arc does not accurately recreate the characteristic unique
to the arc of an actual ESD event.
8.5.2.3.1.2 Air Discharge Mode
The air discharge usually applies to a non-conductive surface of the EUT. Instead of a direct contact with
the EUT, the charged electrode of the ESD generator is brought close to the EUT, and a spark in the air to
the EUT actuates the discharge. Compared to the contact discharge mode, the air discharge is more
realistic to the actual ESD occurrence. However, due to the variations of the arc length, it may not be able
to produce repeatable waveform.
8.5.2.3.1.3 Test Type
The IEC ESD Stressing test has two test types: direct discharge and indirect discharge. Direct discharge
is applies directly to the surface or the structure of the EUT. It includes both contact discharge and air
discharge modes. Indirect discharge applies to a coupling plane in the vicinity of the EUT. The indirect
discharge is used to simulate personal discharge to objects which are adjacent to the EUT. It includes
contact discharge mode only.
8.5.2.3.2 TI Component Level IEC ESD Test
TI Component Level IEC ESD Test tests only the IC terminals that are exposed in system level
applications. It can be used to determine the robustness of on-chip protection and the latch-up immunity.
The IC can only pass the TI Component Level IEC ESD test when there is no latch-up and IC is fully
functional after the test.
8.5.2.3.3 Construction of a Custom USB Connector
A standard USB connector, either type A or type B, provides good ESD protection. However, if a custom
USB connector is desired, the following guidelines should be observed to ensure good ESD protection.
•
There should be an easily accessible shield plate next to the connector for air-discharge mode
purpose.
•
Tie the outer shield of the connector to GND. When a cable is inserted into the connector, the shield of
the cable should first make contact with the outer shield.
•
If the connector includes power and GND, the lead of power and GND need to be longer than the
leads of signal.
•
The connector needs to have a key to ensure proper insertion of the cable.
•
See the standard USB connector for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com