Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 363 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 363 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 359Page - Texas Instruments TDA2SA Datasheet HTML 360Page - Texas Instruments TDA2SA Datasheet HTML 361Page - Texas Instruments TDA2SA Datasheet HTML 362Page - Texas Instruments TDA2SA Datasheet HTML 363Page - Texas Instruments TDA2SA Datasheet HTML 364Page - Texas Instruments TDA2SA Datasheet HTML 365Page - Texas Instruments TDA2SA Datasheet HTML 366Page - Texas Instruments TDA2SA Datasheet HTML 367Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 427 page
background image
Power Pins
USB PHY
0.1 µF
0.001 µF
X1
X0
XTAL
363
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.5.2.2.2.6 Crystals/Oscillator
Keep the crystal and its load capacitors close to the USB PHY pins, XI and XO (see Figure 8-34). Note
that frequencies from power sources or large capacitors can cause modulations within the clock and
should not be placed near the crystal. In these instances, errors such as dropped packets occur. A
placeholder for a resistor, in parallel with the crystal, can be incorporated in the design to assist oscillator
startup.
Power is proportional to the current squared. The current is I = C*dv/dt, because dv/dt is a function of the
PHY, current is proportional to the capacitive load. Cutting the load to 1/2 decreases the current by 1/2
and the power to 1/4 of the original value. For more details on crystal selection, see the Selection and
Specification of Crystals for Texas Instruments USB 2.0 Devices (SLLA122).
Figure 8-34. Power Supply and Clock Connection to the USB PHY
8.5.2.2.2.7 DP/DM Trace
Place the USB PHY as close as possible to the USB 2.0 connector. The signal swing during high-speed
operation on the DP/DM lines is relatively small (400 mV ± 10%), so any differential noise picked up on
the twisted pair can affect the received signal. When the DP/DM traces do not have any shielding, the
traces tend to behave like an antenna and picks up noise generated by the surrounding components in
the environment. To minimize the effect of this behavior:
•
DP/DM traces should always be matched lengths and must be no more than 4 inches in length;
otherwise, the eye opening may be degraded (see Figure 8-35).
•
Route DP/DM traces close together for noise rejection on differential signals, parallel to each other and
within two mils in length of each other. The measurement for trace length must be started from
device's balls.
•
A high-speed USB connection is made through a shielded, twisted pair cable with a differential
characteristic impedance of 90
Ω ±15%. In layout, the impedance of DP and DM should each be 45 Ω
± 10%.
•
DP/DM traces should not have any extra components to maintain signal integrity. For example, traces
cannot be routed to two USB connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com