Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 360 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 360 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 356Page - Texas Instruments TDA2SA Datasheet HTML 357Page - Texas Instruments TDA2SA Datasheet HTML 358Page - Texas Instruments TDA2SA Datasheet HTML 359Page - Texas Instruments TDA2SA Datasheet HTML 360Page - Texas Instruments TDA2SA Datasheet HTML 361Page - Texas Instruments TDA2SA Datasheet HTML 362Page - Texas Instruments TDA2SA Datasheet HTML 363Page - Texas Instruments TDA2SA Datasheet HTML 364Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 427 page
background image
Analog
Power Supply
SoC Board
Ferrite Bead
Digital
Power Supply
Ferrite Bead
0.1 µF
0.01 µF
0.001 µF
1 µF
0.1 µF
0.01 µF
0.001 µF
1 µF
SPRS906_PCB_USB20_01
AGND
DGND
360
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.5.2.2.2.1 Analog, PLL, and Digital Power Supply Filtering
To minimize EMI emissions, add decoupling capacitors with a ferrite bead at power supply terminals for
the analog, phase-locked loop (PLL), and digital portions of the chip. Place this array as close to the chip
as possible to minimize the inductance of the line and noise contributions to the system. An analog and
digital supply example is shown in Figure 8-30. In case of multiple power supply pins with the same
function, tie them up to a single low-impedance point in the board and then add the decoupling capacitors,
in addition to the ferrite bead. This array of caps and ferrite bead improve EMI and jitter performance.
Take both EMI and jitter into account before altering the configuration.
Figure 8-30. Suggested Array Capacitors and a Ferrite Bead to Minimize EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com