Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 356 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 356 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 352Page - Texas Instruments TDA2SA Datasheet HTML 353Page - Texas Instruments TDA2SA Datasheet HTML 354Page - Texas Instruments TDA2SA Datasheet HTML 355Page - Texas Instruments TDA2SA Datasheet HTML 356Page - Texas Instruments TDA2SA Datasheet HTML 357Page - Texas Instruments TDA2SA Datasheet HTML 358Page - Texas Instruments TDA2SA Datasheet HTML 359Page - Texas Instruments TDA2SA Datasheet HTML 360Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 427 page
background image
56,6m
@ 20MHz
Ω
30m
@ 10MHz
Ω
160m
@ 50MHz
Ω
310m
@ 100MHz
Ω
PCB_CPD_7
PCB_CPD_6
356
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Loop Inductance range: 1,01 - 1,40 nH
Figure 8-26. vdd_mpu Decoupling Cap Loop Inductances
Figure 8-27 shows vdd_mpu Impedance vs Frequency characteristics.
Figure 8-27. vdd_mpu Impedance vs Frequency
8.4
Single-Ended Interfaces
8.4.1
General Routing Guidelines
The following paragraphs detail the routing guidelines that must be observed when routing the various
functional LVCMOS interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com