Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 353 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 353 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 349Page - Texas Instruments TDA2SA Datasheet HTML 350Page - Texas Instruments TDA2SA Datasheet HTML 351Page - Texas Instruments TDA2SA Datasheet HTML 352Page - Texas Instruments TDA2SA Datasheet HTML 353Page - Texas Instruments TDA2SA Datasheet HTML 354Page - Texas Instruments TDA2SA Datasheet HTML 355Page - Texas Instruments TDA2SA Datasheet HTML 356Page - Texas Instruments TDA2SA Datasheet HTML 357Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 427 page
background image
Bulk Caps underneath
power inductors
(C410, C378, C350; 0603)
Larger Value Decoupling Caps
(2.2uF C359, 4.7uF C360 & 22uF C356;
0402 & 0603)
Remaining 15 of 22 Decoupling Caps
(C96, 385, 387, 389; 0201)
PCB_CPD_4
Interior Power Plane #2, Layer 9 of 16
(
= Green)
vdd_mpu
353
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-23. vdd_mpu routing [Internal Power Plane #2]
Figure 8-24. vdd_mpu routing and cap placements [Bottom Layer]
Table 8-8. PCB Etch Resistance Breakdown - From PMIC Source to Device Load
Net[from]
Component [from]:
Net[to]
Component [to]:
Etch Resistance (Ω)
% of Total Etch
Resistance
SW1
L17
SW1
U45
0,001038
13%
SW2
L15
SW2
U45
0,000898
12%
SW3
L13
SW3
U45
0,000861
11%
SW1
L17
SMPS_1_2_3
R181
0,000696
9%
SW2
L15
SMPS_1_2_3
R181
0,000541
7%
SW3
L13
SMPS_1_2_3
R181
0,000526
7%
vdd_mpu
R181
vdd_mpu
U52
0,006311
78%
vdd_mpu
R181
vdd_mpu
U52
0,006311
81%
vdd_mpu
R181
vdd_mpu
U52
0,006311
82%
Total Etch Resistance from SW1 =
0,008045
100%
Total Etch Resistance from SW2 =
0,00775
100%
Total Etch Resistance from SW3 =
0,007698
100%
Max Value =
0,008045
Table 8-9. PCB Etch Resistance Breakdown - From Power Inductor to Device Load
Net[from]
Component [from]:
Net[to]
Component [to]:
Etch Resistance (Ω)
% of Total Etch
Resistance
SMPS_1_2_3
L17
SMPS_1_2_3
R181
0,000696
10%
SMPS_1_2_3
L15
SMPS_1_2_3
R181
0,000541
8%
SMPS_1_2_3
L13
SMPS_1_2_3
R181
0,000526
8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com