Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 349 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 349 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 345Page - Texas Instruments TDA2SA Datasheet HTML 346Page - Texas Instruments TDA2SA Datasheet HTML 347Page - Texas Instruments TDA2SA Datasheet HTML 348Page - Texas Instruments TDA2SA Datasheet HTML 349Page - Texas Instruments TDA2SA Datasheet HTML 350Page - Texas Instruments TDA2SA Datasheet HTML 351Page - Texas Instruments TDA2SA Datasheet HTML 352Page - Texas Instruments TDA2SA Datasheet HTML 353Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 427 page
background image
349
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
(4) Refer to the PMIC data manual for the latest TPS659039 specifications
(5) A product’s maximum ambient temperature, thermal system design & heat spreading performance could limit the maximum power
dissipation below the full PMIC capacity in order to not exceed recommended SoC max Tj.
Table 8-5 illustrates the approved and validated power supply connections to the Device for the SMPS
outputs of the TPS65917 PMIC.
Table 8-5. TPS65917 Power Supply Connections
TPS65917
Valid Combination 1:
Valid Combination 2
TPS65917
Current Rating Limitation (1) (3)
SMPS1
vdd_mpu
vdd_mpu
SMPS1: 3.5A
≤ OPP_NOM (dual
or single) OR
≤ OPP_OD (single
ONLY)
SMPS2 (2)
vdd_dspeve, vdd_gpu, vdd_iva
vdd
3.5A
SMPS3 (2)
vdd
vdd_dspeve, vdd_gpu, vdd_iva
3A
SMPS4 (3)
vdds18v
vdds18v
1.5A
SMPS5 (4)
vdds_ddr1
vdds_ddr1
2A
(1) Refer to the TPS65917 Data Manual for exact current rating limitations, including assumed VIN and other parameters. Values provided in
this table are for comparison purposes.
(2) DSP, EVE, GPU, and IVAHD power consumption is highly application-specific. Separate analysis must be performed to ensure output
current ratings (average and peak) is within the limits of the PMIC. VDD only supports OPP_NOM.
(3) Highly application-specific. Separate analysis must be performed to ensure average and peak power is within the limits of the PMIC.
(4) Furthermore, if SMPS5 is used for DDR power, both total memory + SoC power must be within the PMIC limits.
8.3.6
DPLL Voltage Requirement
The voltage input to the DPLLs has a low noise requirement. Board designs should supply these voltage
inputs with a low noise LDO to ensure they are isolated from any potential digital switching noise. The
TPS65917 and TPS659039 PMIC LDOLN outputs are specifically designed to meet this low noise
requirement.
NOTE
For more information about Input Voltage Sources, see Section 6.3 DPLLs, DLLs
Specifications.
Table 8-4 present the voltage inputs that supply the DPLLs.
Table 8-6. Input Voltage Power Supplies for the DPLLs
POWER SUPPLY
DPLLs
vdda_abe_per
DPLL_PER, DPLL_ABE and PER HSDIVIDER analog power supply
vdda_ddr
DPLL_DDR and DDR HSDIVIDER analog power supply
vdda_debug
DPLL_DEBUG analog power supply
vdda_dsp_eve
DPLL_DSP and DPLL_EVE analog power supply
vdda_gmac_core
DPLL_CORE and HSDIVIDER analog power supply
vdda_gpu
DPLL_GPU analog power supply
vdda_iva
DPLL_IVA analog power supply
vdda_video
DPLL_VIDEO1 and DPLL_VIDEO2 analog power supply
vdda_mpu
DPLL_MPU analog power supply
vdda_osc
not DPLL input but is required to be supplied by low noise input voltage
8.3.7
Loss of Input Power Event
A few key PDN design items needed to enable a controlled and compliant SoC power down sequence for
a “Loss of Input Power” event are:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com