Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 351 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 351 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 347Page - Texas Instruments TDA2SA Datasheet HTML 348Page - Texas Instruments TDA2SA Datasheet HTML 349Page - Texas Instruments TDA2SA Datasheet HTML 350Page - Texas Instruments TDA2SA Datasheet HTML 351Page - Texas Instruments TDA2SA Datasheet HTML 352Page - Texas Instruments TDA2SA Datasheet HTML 353Page - Texas Instruments TDA2SA Datasheet HTML 354Page - Texas Instruments TDA2SA Datasheet HTML 355Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 427 page
background image
351
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.3.8.2
vdd_mpu Example Analysis
Maximum acceptable PCB resistance (Reff) between the PMIC and Processor input power balls should not
exceed 10mΩ.
Maximum decoupling capacitance loop inductance (LL) between Processor input power balls and
decoupling capacitances should not exceed 2.0nH (ESL NOT included)
Impedance target for key frequency of interest between Processor input power balls and PMIC’s SMPS
output power balls should not exceed 57mΩ at 20MHz.
Table 8-7. Example PCB vdd_mpu PI Analysis Summary
Parameter
Recommendation
Example PCB
Processor OPP
High
Clocking Rate
1.5 GHz
Voltage Level
1.22V
1.22V
Max Current Draw
5.12 A
5.12 A
Max Effective Resistance: Power
Inductor Segment Total Reff
10mΩ
9.0mΩ
Max Loop Inductance
2.0nH
1.0 – 1.4nH
Impedance Target
57mΩ F<20Mhz
57mΩ F<20Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com