Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 355 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 355 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 351Page - Texas Instruments TDA2SA Datasheet HTML 352Page - Texas Instruments TDA2SA Datasheet HTML 353Page - Texas Instruments TDA2SA Datasheet HTML 354Page - Texas Instruments TDA2SA Datasheet HTML 355Page - Texas Instruments TDA2SA Datasheet HTML 356Page - Texas Instruments TDA2SA Datasheet HTML 357Page - Texas Instruments TDA2SA Datasheet HTML 358Page - Texas Instruments TDA2SA Datasheet HTML 359Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 427 page
background image
355
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
Comparing loop inductances for capacitors at different distances from the processor’s input
power balls shows an 18% reduction for caps placed closer. This was derived by averaging
the inductances for the 3 caps with distances over 800mils (Avg LL = 1.33nH) vs the 3 caps
with distances less than 600mils (Avg LL = 1.096nH).
Table 8-11. Rail - vdd_mpu
Cap Ref
Des
Model Port
#
Loop Inductacne
[nH]
Footprint
Types
PCB Side
Distance to
Ball-Field
[mils]
Value [μF]
Size
C356
1
1,4
4vWSE
Bottom
897
22
0603
C359
2
1,26
4vWSE
Bottom
855
2,2
0402
C360
3
1,33
4vWSE
Bottom
850
4,7
0402
C365
4
1,14
4vWSE
Bottom
817
0,1
0201
C366
5
1,13
4vWSE
Bottom
755
0,1
0201
C367
6
1,07
4vWSE
Bottom
758
1
0201
C368
7
1,12
4vWSE
Bottom
811
0,1
0201
C369
8
1,06
4vWSE
Bottom
690
0,1
0201
C370
9
1,12
4vWSE
Bottom
680
0,1
0201
C384
10
1,04
4vWSE
Bottom
686
0,1
0201
C385
11
1,07
4vWSE
Top
686
0,1
0201
C387
12
1,16
4vWSE
Top
755
0,1
0201
C389
13
1,18
4vWSE
Top
693
0,1
0201
C391
14
1,14
4vWSE
Bottom
693
0,1
0201
C392
15
1,18
4vWSE
Bottom
542
0,1
0201
C396
16
1,11
4vWSE
Bottom
745
0,1
0201
C91
17
1,1
4vWSE
Bottom
515
1
0201
C92
18
1,09
4vWSE
Bottom
622
0,22
0201
C93
19
1,01
4vWSE
Bottom
504
0,47
0201
C94
20
1,13
4vWSE
Bottom
604
0,47
0201
C95
21
1,04
4vWSE
Bottom
612
1
0201
C96
22
1,08
4vWSE
Top
612
0,22
0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com