Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 352 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 352 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 348Page - Texas Instruments TDA2SA Datasheet HTML 349Page - Texas Instruments TDA2SA Datasheet HTML 350Page - Texas Instruments TDA2SA Datasheet HTML 351Page - Texas Instruments TDA2SA Datasheet HTML 352Page - Texas Instruments TDA2SA Datasheet HTML 353Page - Texas Instruments TDA2SA Datasheet HTML 354Page - Texas Instruments TDA2SA Datasheet HTML 355Page - Texas Instruments TDA2SA Datasheet HTML 356Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 427 page
background image
PMIC (U45)
Sense Resistor (R181; 2725)
Power Inductors (L13, 15 & 17; 1616)
Device (U52)
vdd_mpu
“Ball-Field”
Multiple vias connecting power
segments on different layers
4 of 22 Decoupling Caps
(C96, 385, 387, 389; 0201)
Top -side segmented planes
(
= Green)
vdd_mpu
SMPS (3000mA)
C410
22uF, 4V, 0603
GRM188R60G226MEA0L
PCB – Bottom-side
L17
1.0uH, 4.5A, 1616
IHLP-1616ABER1R0M11
PCB – Top-side
SMPS_1_2_3
C378
22uF, 4V, 0603
GRM188R60G226MEA0L
PCB – Bottom-side
L15
1.0uH, 4.5A, 1616
IHLP-1616ABER1R0M11
PCB – Top-side
C350
22uF, 4V, 0603
GRM188R60G226MEA0L
PCB – Bottom-side
L13x
1.0uH, 4.5A, 1616
IHLP-1616ABER1R0M11
PCB – Top-side
R181
0.001ohm, 1%, 4W, 2725
CSS2725FT1L00
PCB – Top-side
Device SoC
U52
vdd_mpu
(N18, K18, L19
N17, M17, L17
M18, L18, P18
K17, L15, L16
M15, M16, P17
R18)
vdd_mpu
SMPS1_SW
(E11, E12, E13)
SMPS2 (3000mA)
SMPS1_SW
(E11, E12, E13)
SMPS3 (3000mA)
SMPS1_SW
(E11, E12, E13)
C365, 366, 368, 369,
370, 384, 385, 387,
389, 391, 392, 396
0.1uF, 6.3V, X5R, 0201
GRM033R60J104KE19D
PCB – Bottom-side
C92, 96
0.22uF, 6.3V, X5R,
0201
ECJ-ZEB0J224M
PCB – Top-side
C93, 94
0.47uF, 4V, X5R,
0201
AMK063BJ474MP-F
PCB – Top-side
C91, 95, 367
1.0uF, 6.3V, X5R, 0201
GRM033R60J105MEA2D
PCB – 2 Top-side & 1 Bottom
C359
2.2uF, 6.3V, X5R,
0402
C1005X5R0J225M
PCB – Bottom-side
C360
4.7uF, 6.3V, X5R,
0402
GRM155R60J475ME8
7D
PCB – Bottom-side
C356
22uF, 4V, X5R, 0603
GRM188R60G226ME
A0L
PCB – Bottom-side
U45
PMIC
INA226
U39
VIN+
VIN-
PM I2C Addr: 100 0001
6A
A0
A1
PS_EVM_3V3
SW1
SW2
SW3
352
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-21, Figure 8-22, Figure 8-23, and Figure 8-24 show a PCB layout example and the resulting PI
analysis results.
Figure 8-21. vdd_mpu Simplified SCH Diagram
Figure 8-22. vdd_mpu routing [Top Layer]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com