Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 357 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 357 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 353Page - Texas Instruments TDA2SA Datasheet HTML 354Page - Texas Instruments TDA2SA Datasheet HTML 355Page - Texas Instruments TDA2SA Datasheet HTML 356Page - Texas Instruments TDA2SA Datasheet HTML 357Page - Texas Instruments TDA2SA Datasheet HTML 358Page - Texas Instruments TDA2SA Datasheet HTML 359Page - Texas Instruments TDA2SA Datasheet HTML 360Page - Texas Instruments TDA2SA Datasheet HTML 361Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 427 page
background image
W
D+
S = 2 W = 200 µm
SWPS040-185
357
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
•
Line spacing:
–
For a line width equal to W, the spacing between two lines must be 2W, at least. This minimizes the
crosstalk between switching signals between the different lines. On the PCB, this is not achievable
everywhere (for example, when breaking signals out from the device package), but it is
recommended to follow this rule as much as possible. When violating this guideline, minimize the
length of the traces running parallel to each other (see Figure 8-28).
Figure 8-28. Ground Guard Illustration
•
Length matching (unless otherwise specified):
–
For bus or traces at frequencies less than 10 MHz, the trace length matching (maximum length
difference between the longest and the shortest lines) must be less than 25 mm.
–
For bus or traces at frequencies greater than 10 MHz, the trace length matching (maximum length
difference between the longest and the shortest lines) must be less than 2.5 mm.
•
Characteristic impedance
–
Unless
otherwise
specified,
the
characteristic
impedance
for
single-ended
interfaces
is
recommended to be between 35-Ω and 65-Ω.
•
Multiple peripheral support
–
For interfaces where multiple peripherals have to be supported in the star topology, the length of
each branch has to be balanced. Before closing the PCB design, it is highly recommended to verify
signal integrity based on simulations including actual PCB extraction.
8.4.2
QSPI Board Design and Layout Guidelines
The following section details the routing guidelines that must be observed when routing the QSPI
interfaces.
•
The qspi1_sclk output signal must be looped back into the qspi1_rtclk input.
•
The signal propagation delay from the qspi1_sclk ball to the QSPI device CLK input pin (A to C) must
be approximately equal to the signal propagation delay from the QSPI device CLK pin to the
qspi1_rtclk ball (C to D).
•
The signal propagation delay from the QSPI device CLK pin to the qspi1_rtclk ball (C to D) must be
approximately equal to the signal propagation delay of the control and data signals between the QSPI
device and the SoC device (E to F, or F to E).
•
The signal propagation delay from the qspi1_sclk signal to the series terminators (R2 = 10 Ω) near the
QSPI device must be < 450pS (~7cm as stripline or ~8cm as microstrip)
•
50 Ω PCB routing is recommended along with series terminations, as shown in Figure 8-29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com