Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 361 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 361 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 357Page - Texas Instruments TDA2SA Datasheet HTML 358Page - Texas Instruments TDA2SA Datasheet HTML 359Page - Texas Instruments TDA2SA Datasheet HTML 360Page - Texas Instruments TDA2SA Datasheet HTML 361Page - Texas Instruments TDA2SA Datasheet HTML 362Page - Texas Instruments TDA2SA Datasheet HTML 363Page - Texas Instruments TDA2SA Datasheet HTML 364Page - Texas Instruments TDA2SA Datasheet HTML 365Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 427 page
background image
Signal 1
Power Plane
GND Plane
Signal 2
361
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Consider the recommendations listed below to achieve proper ESD/EMI performance:
•
Use a 0.01 μF cap on each cable power VBUS line to chassis GND close to the USB connector pin.
•
Use a 0.01 μF cap on each cable ground line to chassis GND next to the USB connector pin.
•
If voltage regulators are used, place a 0.01 μF cap on both input and output. This is to increase the
immunity to ESD and reduce EMI. For other requirements, see the device-specific datasheet.
8.5.2.2.2.2 Analog, Digital, and PLL Partitioning
If separate power planes are used, they must be tied together at one point through a low-impedance
bridge or preferably through a ferrite bead. Care must be taken to capacitively decouple each power rail
close to the device. The analog ground, digital ground, and PLL ground must be tied together to the low-
impedance circuit board ground plane.
8.5.2.2.2.3 Board Stackup
Because of the high frequencies associated with the USB, a printed circuit board with at least four layers
is recommended; two signal layers separated by a ground and power layer as shown in Figure 8-31.
Figure 8-31. Four-Layer Board Stack-Up
The majority of signal traces should run on a single layer, preferably SIGNAL1. Immediately next to this
layer should be the GND plane, which is solid with no cuts. Avoid running signal traces across a split in
the ground or power plane. When running across split planes is unavoidable, sufficient decoupling must
be used. Minimizing the number of signal vias reduces EMI by reducing inductance at high frequencies.
8.5.2.2.2.4 Cable Connector Socket
Short the cable connector sockets directly to a small chassis ground plane (GND strap) that exists
immediately underneath the connector sockets. This shorts EMI (and ESD) directly to the chassis ground
before it gets onto the USB cable. This etch plane should be as large as possible, but all the conductors
coming off connector pins 1 through 6 must have the board signal GND plane run under. If needed, scoop
out the chassis GND strap etch to allow for the signal ground to extend under the connector pins. Note
that the etches coming from pins 1 and 4 (VBUS power and GND) should be wide and via-ed to their
respective planes as soon as possible, respecting the filtering that may be in place between the connector
pin and the plane. See Figure 8-32 for a schematic example.
Place a ferrite in series with the cable shield pins near the USB connector socket to keep EMI from getting
onto the cable shield. The ferrite bead between the cable shield and ground may be valued between 10
Ω
and 50
Ω at 100 MHz; it should be resistive to approximately 1 GHz. To keep EMI from getting onto the
cable bus power wire (a very large antenna) a ferrite may be placed in series with cable bus power,
VBUS, near the USB connector pin 1. The ferrite bead between connector pin 1 and bus power may be
valued between 47
Ω and approximately 1000 Ω at 100 MHz. It should continue being resistive out to
approximately 1 GHz, as shown in Figure 8-32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com