Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 364 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 364 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 360Page - Texas Instruments TDA2SA Datasheet HTML 361Page - Texas Instruments TDA2SA Datasheet HTML 362Page - Texas Instruments TDA2SA Datasheet HTML 363Page - Texas Instruments TDA2SA Datasheet HTML 364Page - Texas Instruments TDA2SA Datasheet HTML 365Page - Texas Instruments TDA2SA Datasheet HTML 366Page - Texas Instruments TDA2SA Datasheet HTML 367Page - Texas Instruments TDA2SA Datasheet HTML 368Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 427 page
background image
Minimize
This Distance
USB PHY
Connector
D+
D-
VBUS
GND
D-
D+
Cable
Connector
364
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-35. USB PHY Connector and Cable Connector
8.5.2.2.2.8 DP/DM Vias
When a via must be used, increase the clearance size around it to minimize its capacitance. Each via
introduces discontinuities in the signal’s transmission line and increases the chance of picking up
interference from the other layers of the board. Be careful when designing test points on twisted pair lines;
through-hole pins are not recommended.
8.5.2.2.2.9 Image Planes
An image plane is a layer of copper (voltage plane or ground plane), physically adjacent to a signal routing
plane. Use of image planes provides a low impedance, shortest possible return path for RF currents. For a
USB board, the best image plane is the ground plane because it can be used for both analog and digital
circuits.
•
Do not route traces so they cross from one plane to the other. This can cause a broken RF return path
resulting in an EMI radiating loop as shown in Figure 8-36. This is important for higher frequency or
repetitive signals. Therefore, on a multi-layer board, it is best to run all clock signals on the signal
plane above a solid ground plane.
•
Avoid crossing the image power or ground plane boundaries with high-speed clock signal traces
immediately above or below the separated planes. This also holds true for the twisted pair signals (DP,
DM). Any unused area of the top and bottom signal layers of the PCB can be filled with copper that is
connected to the ground plane through vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com