Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 368 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 368 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 364Page - Texas Instruments TDA2SA Datasheet HTML 365Page - Texas Instruments TDA2SA Datasheet HTML 366Page - Texas Instruments TDA2SA Datasheet HTML 367Page - Texas Instruments TDA2SA Datasheet HTML 368Page - Texas Instruments TDA2SA Datasheet HTML 369Page - Texas Instruments TDA2SA Datasheet HTML 370Page - Texas Instruments TDA2SA Datasheet HTML 371Page - Texas Instruments TDA2SA Datasheet HTML 372Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 427 page
background image
368
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.5.2.3.4 ESD Protection System Design Consideration
ESD protection system design consideration is covered in Section 8.5.2.2 of this document. The following
are additional considerations for ESD protection in a system.
•
Metallic shielding for both ESD and EMI
•
Chassis GND isolation from the board GND
•
Air gap designed on board to absorb ESD energy
•
Clamping diodes to absorb ESD energy
•
Capacitors to divert ESD energy
•
The use of external ESD components on the DP/DM lines may affect signal quality and are not
recommended.
8.5.2.4
References
•
USB 2.0 Specification, Intel, 2000, http://www.usb.org/developers/docs/
•
High
Speed
USB
Platform
Design
Guidelines,
Intel,
2000,
http://www.intel.com/technology/usb/download/usb2dg_R1_0.pdf
•
Selection and Specification of Crystals for Texas Instruments USB 2.0 Devices (SLLA122)
8.5.3
USB 3.0 Board Design and Layout Guidelines
This section provides the timing specification for the USB3.0 (USB1 in the device) interface as a PCB
design and manufacturing specification. The design rules constrain PCB trace length, PCB trace skew,
signal integrity, cross-talk, and signal timing. TI has performed the simulation and system design work to
ensure the USB3.0 interface requirements are met. The design rules stated within this document are
targeted at DEVICE mode electrical compliance. HOST mode and/or systems that do not include the 3m
USB cable and far-end 11-inch PCB trace required by DEVICE mode compliance testing may not need
the complete list of optimizations shown in this document; however, applying these optimizations to HOST
mode systems will lead to optimal DEVICE mode performance.
8.5.3.1
USB 3.0 interface introduction
The USB 3.0 has two unidirectional differential pairs: TXp/TXn pair and RXp/RXn pair. AC coupling caps
are needed on the board for TX traces.
Figure 8-39 present high level schematic diagram for USB 3.0 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com