Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 371 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 371 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 367Page - Texas Instruments TDA2SA Datasheet HTML 368Page - Texas Instruments TDA2SA Datasheet HTML 369Page - Texas Instruments TDA2SA Datasheet HTML 370Page - Texas Instruments TDA2SA Datasheet HTML 371Page - Texas Instruments TDA2SA Datasheet HTML 372Page - Texas Instruments TDA2SA Datasheet HTML 373Page - Texas Instruments TDA2SA Datasheet HTML 374Page - Texas Instruments TDA2SA Datasheet HTML 375Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 427 page
background image
Layer2, GND: Gaps carved in GND underneath
AC Caps, CMF, ESD, and connector.
Layer3, Signal: Implement as keep-out
zone underneath carved GND areas.
Layer4, GND Plane underneath AC Caps,
CMF, ESD, and connector.
SPRS85x_PCB_USB30_3
Top Layer: Routing from SoC through
AC Caps, CMF, and ESD to connector.
AC Cap
CMF
CMF
AC Cap
371
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Table 8-14. USB1 Routing Recommendations (continued)
Item
Description
Reason
Vias
Max 2 vias per signal trace. If vias are required, place vias close to
the AC Caps and CMFs. Vias under the SoC grid array may be used
if necessary to route signals away from BGA pattern.
Vias significantly degrade signal
integrity at 2.5GHz
Figure 8-41 presents an example layout, demonstrating the “carve GND” concept.
Figure 8-41. USB 3.0 Example “carve GND” layout
8.5.4
HDMI Board Design and Layout Guidelines
This section provides the timing specification for the HDMI interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. TI has performed the simulation and system design work to ensure the HDMI interface
requirements are met. The design rules stated within this document are targeted at resolutions less than
or equal to 1080p60 with 8-bit color; deep color (10-bit) requires further signal integrity optimization.
8.5.4.1
HDMI Interface Schematic
The HDMI bus is separated into three main sections (HDMI Ethernet and the optional Audio Return
Channel are not specifically supported by this Device):
1. Transition Minimized Differential Signaling (TMDS) high speed digital video interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com