Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 375 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 375 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 371Page - Texas Instruments TDA2SA Datasheet HTML 372Page - Texas Instruments TDA2SA Datasheet HTML 373Page - Texas Instruments TDA2SA Datasheet HTML 374Page - Texas Instruments TDA2SA Datasheet HTML 375Page - Texas Instruments TDA2SA Datasheet HTML 376Page - Texas Instruments TDA2SA Datasheet HTML 377Page - Texas Instruments TDA2SA Datasheet HTML 378Page - Texas Instruments TDA2SA Datasheet HTML 379Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 427 page
background image
DEVICE
PCB_SATA_1
SATA
Connector
sata1_txp0
sata1_txn0l
sata1_rxp0
sata1_rxn0
SATA Interface
C
C
C
C
375
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Table 8-18. HDMI PCB Stackup Specifications (continued)
PARAMETER
MIN
TYP
MAX
UNIT
Signal Routing Layers
2
3
-
Layers
Number of ground plane cuts allowed within HDMI routing
region
-
-
0
Cuts
Number of layers between HDMI routing region and
reference ground plane
-
-
0
Layers
PCB Trace width
4
Mils
8.5.4.6
Grounding
Each TMDS channel has its own shield pin and they should be grounded to provide a return current path
for the TMDS signal.
8.5.5
SATA Board Design and Layout Guidelines
The device provides one SATA port. This section provides the timing specification for the SATA interface
as a PCB design and manufacturing specification. The design rules constrain PCB trace length, PCB trace
skew, signal integrity, cross-talk, and signal timing. TI has performed the simulation and system design
work to ensure the SATA interface requirements are met.
8.5.5.1
SATA Interface Schematic
Figure 8-45 shows the data portion of the SATA interface schematic.
Figure 8-45. SATA Interface High Level Schematic
NOTE
AC coupling capacitors (C) are required on the receive and transmit data pairs. Table 8-19
shows the requirements for these capacitors.
Table 8-19. SATA AC Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
SATA AC coupling capacitor value
0.3
10
12
nF
SATA AC coupling capacitor package size
0402
0603
EIA(1)(2)
(1) EIA LxW units, i.e., a 0402 is a 40x20 mils surface mount capacitor.
(2) The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair placed side by side.
8.5.5.2
Compatible SATA Components and Modes
Table 8-20 shows the compatible SATA components and supported modes. Note that the only supported
configuration is an internal cable from the processor host to the SATA device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com