Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 379 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 379 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 375Page - Texas Instruments TDA2SA Datasheet HTML 376Page - Texas Instruments TDA2SA Datasheet HTML 377Page - Texas Instruments TDA2SA Datasheet HTML 378Page - Texas Instruments TDA2SA Datasheet HTML 379Page - Texas Instruments TDA2SA Datasheet HTML 380Page - Texas Instruments TDA2SA Datasheet HTML 381Page - Texas Instruments TDA2SA Datasheet HTML 382Page - Texas Instruments TDA2SA Datasheet HTML 383Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 427 page
background image
379
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.5.6.2.2.3 Pair Length Matching
Each signal in the differential pair should be matched to within 5 mils of its matching differential signal.
Length matching should be done as close to the mismatch as possible.
8.5.6.3
LJCB_REFN/P Connections
A Common Refclk Rx Architecture is required to be used for the device PCIe interface. Specifically, two
modes of Common Refclk Rx Architecture are supported:
•
External REFCLK Mode: An common external 100MHz clock source is distributed to both the Device
and the link partner
•
Output REFCLK Mode: A 100MHz HCSL clock source is output by the device and used by the link
partner
In External REFCLK Mode, a high-quality, low-jitter, differential HCSL 100MHz clock source compliant to
the PCIe REFCLK AC Specifications should be provided on the Device’s ljcb_clkn / ljcb_clkp inputs.
Alternatively, an LVDS clock source can be used with the following additional requirements:
•
External AC coupling capacitors described in Table 8-28 should be populated at the ljcb_clkn /
ljcb_clkp inputs.
•
All termination requirements (ex. parallel 100ohm termination) from the clock source manufacturer
should be followed.
In Output REFCLK Mode, the 100MHz clock from the Device’s DPLL_PCIE_REF should be output on
the Device’s ljcb_clkn / ljcb_clkp pins and used as the HCSL REFCLK by the link partner. External near-
side termination to ground described in Table 8-29 is required on both of the ljcb_clkn / ljcb_clkp outputs
in this mode.
Table 8-28. LJCB_REFN/P Requirements in External LVDS REFCLK Mode
PARAMETER
MIN
TYP
MAX
UNIT
ljcb_clkn / ljcb_clkp AC coupling capacitor value
100
nF
ljcb_clkn / ljcb_clkp AC coupling capacitor package size
0402
0603
EIA(1)(2)
(1) EIA LxW units, i.e., a 0402 is a 40x20 mils surface mount capacitor.
(2) The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair placed side by side.
Table 8-29. LJCB_REFN/P Requirements in Output REFCLK Mode
PARAMETER
MIN
TYP
MAX
UNIT
ljcb_clkn / ljcb_clkp near-side termination to ground value
47.5
50
52.5
Ohms
8.6
Clock Routing Guidelines
8.6.1
32-kHz Oscillator Routing
When designing the printed-circuit board:
•
Keep the crystal as close as possible to the crystal pins X1 and X2.
•
Keep the trace lengths short and small to reduce capacitor loading and prevent unwanted noise
pickup.
•
Place a guard ring around the crystal and tie the ring to ground to help isolate the crystal from
unwanted noise pickup.
•
Keep all signals out from beneath the crystal and the X1 and X2 pins to prevent noise coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com