Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 377 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 377 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 373Page - Texas Instruments TDA2SA Datasheet HTML 374Page - Texas Instruments TDA2SA Datasheet HTML 375Page - Texas Instruments TDA2SA Datasheet HTML 376Page - Texas Instruments TDA2SA Datasheet HTML 377Page - Texas Instruments TDA2SA Datasheet HTML 378Page - Texas Instruments TDA2SA Datasheet HTML 379Page - Texas Instruments TDA2SA Datasheet HTML 380Page - Texas Instruments TDA2SA Datasheet HTML 381Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 427 page
background image
377
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.5.6
PCIe Board Design and Layout Guidelines
The PCIe interface on the device provides support for a 5.0 Gbps lane with polarity inversion.
8.5.6.1
PCIe Connections and Interface Compliance
The PCIe interface on the device is compliant with the PCIe revision 3.0 specification. Please refer to the
PCIe specifications for all connections that are described in it. Those recommendations are more
descriptive and exhaustive than what is possible here.
The use of PCIe compatible bridges and switches is allowed for interfacing with more than one other
processor or PCIe device.
8.5.6.1.1 Coupling Capacitors
AC coupling capacitors are required on the transmit data pair. Table 8-24 shows the requirements for
these capacitors.
Table 8-24. PCIe AC Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
PCIe AC coupling capacitor value
90
100
110
nF
PCIe AC coupling capacitor package size
0402
0603
EIA(1)(2)
(1) EIA LxW units, i.e., a 0402 is a 40x20 mils surface mount capacitor.
(2) The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair placed side by side.
8.5.6.1.2 Polarity Inversion
The PCIe specification requires polarity inversion support. This means for layout purposes, polarity is
unimportant because each signal can change its polarity on die inside the chip. This means polarity within
a lane is unimportant for layout.
8.5.6.2
Non-standard PCIe connections
The following sections contain suggestions for any PCIe connection that is NOT described in the official
PCIe specification, such as an on-board Device to Device or Device to other PCIe compliant processor
connection.
8.5.6.2.1 PCB Stackup Specifications
Table 8-25 shows the stackup and feature sizes required for these types of PCIe connections.
Table 8-25. PCIe PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Number of ground plane cuts allowed within PCIe routing
region
-
-
0
Cuts
Number of layers between PCIe routing area and reference
plane (1)
-
-
0
Layers
PCB Routing clearance
4
Mils
PCB Trace width
4
Mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com