Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 376 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 376 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 372Page - Texas Instruments TDA2SA Datasheet HTML 373Page - Texas Instruments TDA2SA Datasheet HTML 374Page - Texas Instruments TDA2SA Datasheet HTML 375Page - Texas Instruments TDA2SA Datasheet HTML 376Page - Texas Instruments TDA2SA Datasheet HTML 377Page - Texas Instruments TDA2SA Datasheet HTML 378Page - Texas Instruments TDA2SA Datasheet HTML 379Page - Texas Instruments TDA2SA Datasheet HTML 380Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 427 page
background image
376
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Table 8-20. Compatible SATA Components and Modes
PARAMETER
MIN
MAX
UNIT
SUPPORTED
Transfer Rates
1.5
3
Gbps
Internal Cable
-
-
-
YES
8.5.5.3
PCB Stackup Specifications
Table 8-21 shows the stackup and feature sizes required for these types of SATA connections.
Table 8-21. SATA PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Number of ground plane cuts allowed within SATA routing
region
-
-
0
Cuts
Number of layers between SATA routing area and
reference plane
-
-
0
Layers
PCB Routing clearance
4
Mils
PCB Trace width
4
Mils
8.5.5.4
Routing Specifications
The SATA data signal traces must be routed to achieve 100 Ohms (+/-10%) differential impedance and 60
ohms (+/-10%) single ended impedance. The signal ended impedance is required because differential
signals can’t be closely coupled on PCBs and therefore single ended impedance becomes important. 60
ohms is chosen for the single ended impedance to minimize problems caused by too low an impedance.
These impedances are impacted by trace width, trace spacing, distance to reference planes, and dielectric
material. Verify with a PCB design tool that the trace geometry for both data signal pairs results in as
close to 100 ohms differential and 60 ohms single ended impedance traces as possible. For best
accuracy, work with your PCB fabricator to ensure this impedance is met.
Table 8-22 shows the routing specifications for the SATA data signals.
Table 8-22. SATA Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
SATA signal trace length (device balls to SATA connector)
3050(1)
Mils
Differential pair trace skew matching
5
Mils
Number of stubs allowed on SATA traces(2)
0
stubs
TX/RX pair differential impedance
90
100
110
Ω
TX/RX single-ended impedance
54
60
66
Ω
Number of vias on each SATA trace
0
Vias
SATA differential pair to any other trace spacing
2×DS(3)
(1) Beyond this, signal integrity may suffer.
(2) Inline pads may be used for probing.
(3) DS = differential spacing of the SATA traces.
Table 8-23. SATA Routing Recommendations
Item
Description
Reason
ESD part number
None
ESD suppression generally not
used on SATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com