Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 369 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 369 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 365Page - Texas Instruments TDA2SA Datasheet HTML 366Page - Texas Instruments TDA2SA Datasheet HTML 367Page - Texas Instruments TDA2SA Datasheet HTML 368Page - Texas Instruments TDA2SA Datasheet HTML 369Page - Texas Instruments TDA2SA Datasheet HTML 370Page - Texas Instruments TDA2SA Datasheet HTML 371Page - Texas Instruments TDA2SA Datasheet HTML 372Page - Texas Instruments TDA2SA Datasheet HTML 373Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 427 page
background image
CMF
CMF
AC Cap
AC Cap
SoC TX
SoC RX
SPRS85x_PCB_USB30_2
Device
usb_txp0
usb_txn0
usb_rxp0
usb_rxn0
CMF
CMF
AC Caps
Place near connector, and keep routing short
Vias (if necessary)
Vias (if necessary)
Vias (if necessary)
Vias (if necessary)
SPRS85x_PCB_USB30_1
369
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-39. USB 3.0 Interface High Level Schematic
NOTE
ESD components should be on a PCB layer next to a system GND plane layer so the
inductance of the via to GND will be minimal.
If vias are used, place the vias near the AC Caps or CMFs and under the SoC BGA, if
necessary.
Figure 8-40 present placement diagram for USB 3.0 interface.
Figure 8-40. USB 3.0 placement diagram
Table 8-12. USB1 Component Reference
INTERFACE
COMPONENT
SUPPLIER
PART NUMBER
USB3 PHY
ESD
TI
TPD1E05U06
CMF
Murata
DLW21SN900HQ2
C
-
100nF (typical size: 0201)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com