Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 138 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 138 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 134Page - Texas Instruments TDA2SA Datasheet HTML 135Page - Texas Instruments TDA2SA Datasheet HTML 136Page - Texas Instruments TDA2SA Datasheet HTML 137Page - Texas Instruments TDA2SA Datasheet HTML 138Page - Texas Instruments TDA2SA Datasheet HTML 139Page - Texas Instruments TDA2SA Datasheet HTML 140Page - Texas Instruments TDA2SA Datasheet HTML 141Page - Texas Instruments TDA2SA Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 427 page
background image
138
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
5.3
Power on Hour (POH) Limits
The information in the section below is provided solely for your convenience and does not extend or
modify the warranty provided under TI’s standard terms and conditions for TI semiconductor products.
NOTE
POH is a functional of voltage, temperature and time. Usage at higher voltages and
temperatures will result in a reduction in POH to achieve the same reliability performance.
For assessment of alternate use cases, contact your local TI representative.
Table 5-3. Power-On Hour (POH) Limits
IP
Duty Cycle
Voltage Domain
Voltage (V)
(max)
Frequency
(MHz) (max)
Tj(°C)
POH
All
100%
All
All Supported OPPs
Automotive Profile(1)
20000
(1) Automotive profile is defined as 20000 power on hours with junction temperature as follows: 5%@-40°C, 65%@70°C, 20%@110°C,
10%@125°C.
5.4
Recommended Operating Conditions
The device is used under the recommended operating conditions described in Table 5-4.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
Table 5-4. Recommended Operating Conditions
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
Input Power Supply Voltage Range
vdd
Core voltage domain supply
See Section 5.5
V
vdd_mpu
Supply voltage range for MPU domain
See Section 5.5
V
vdd_gpu
GPU voltage domain supply
See Section 5.5
V
vdd_dspeve
DSP-EVE voltage domain supply
See Section 5.5
V
vdd_iva
IVA voltage domain supply
See Section 5.5
V
vdd_rtc
RTC voltage domain supply
See Section 5.5
V
vdda_usb1
DPLL_USB and HS USB1 1.8V
analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_usb2
HS USB2 1.8V analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda33v_usb1
HS USB1 3.3V analog power supply.If
USB1 is not used, this pin can
alternatively be connected to VSS if
the following requirements are met:
- The usb1_dm/usb1_dp pins are left
unconnected
- The USB1 PHY is kept powered
down
3.135
3.3
3.366
3.465
V
Maximum noise (peak-peak)
50
mVPPmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com