Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 136 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 136 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 132Page - Texas Instruments TDA2SA Datasheet HTML 133Page - Texas Instruments TDA2SA Datasheet HTML 134Page - Texas Instruments TDA2SA Datasheet HTML 135Page - Texas Instruments TDA2SA Datasheet HTML 136Page - Texas Instruments TDA2SA Datasheet HTML 137Page - Texas Instruments TDA2SA Datasheet HTML 138Page - Texas Instruments TDA2SA Datasheet HTML 139Page - Texas Instruments TDA2SA Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 427 page
background image
136
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5
Specifications
NOTE
For more information, see Power, Reset and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs or Initialization / Preinitialization / Power Requirements
section of the Device TRM.
NOTE
The index numbers 1 and 2 which is part of the EMIF1 and EMIF2 signal prefixes (ddr1_*
and ddr2_*) listed in Table 4-7, EMIF Signal Descriptions, column "SIGNAL NAME" not to be
confused with DDR1 and DDR2 types of SDRAM memories.
NOTE
Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is
still present in some clock or DPLL names.
CAUTION
All IO Cells are NOT Fail-safe compliant and should not be externally driven in
absence of their IO supply.
5.1
Absolute Maximum Ratings
Stresses beyond those listed as absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those listed under Section 5.4, Recommended Operating Conditions, is not implied. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability.
Table 5-1. Absolute Maximum Rating Over Junction Temperature Range
PARAMETER(1)
MIN
MAX
UNIT
VSUPPLY (Steady-State)
Supply Voltage Ranges (Steady-
State)
Core (vdd, vdd_mpu, vdd_gpu,
vdd_dspeve, vdd_iva, vdd_rtc)
-0.3
1.5
V
Analog (vdda_usb1, vdda_usb2,
vdda_abe_per, vdda_ddr,
vdda_debug, vdda_dsp_eve,
vdda_gmac_core, vdda_gpu,
vdda_hdmi, vdda_iva, vdda_pcie,
vdda_pcie0, vdda_pcie1,
vdda_sata, vdda_usb3, vdda_video,
vdda_mpu, vdda_osc, vdda_rtc)
-0.3
2.0
V
Analog 3.3V (vdda33v_usb1,
vdda33v_usb2)
-0.3
3.8
V
vdds18v, vdds18v_ddr1,
vdds18v_ddr2, vdds_mlbp,
vdds_ddr1, vdds_ddr2
-0.3
2.1
V
vddshv1-11 (1.8V mode)
-0.3
2.1
V
vddshv1-7 (3.3V mode), vddshv9-11
(3.3V mode)
-0.3
3.8
V
vddshv8 (3.3V mode)
-0.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com