Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 132 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 132 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 128Page - Texas Instruments TDA2SA Datasheet HTML 129Page - Texas Instruments TDA2SA Datasheet HTML 130Page - Texas Instruments TDA2SA Datasheet HTML 131Page - Texas Instruments TDA2SA Datasheet HTML 132Page - Texas Instruments TDA2SA Datasheet HTML 133Page - Texas Instruments TDA2SA Datasheet HTML 134Page - Texas Instruments TDA2SA Datasheet HTML 135Page - Texas Instruments TDA2SA Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 427 page
background image
132
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-29. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vss
Ground
GND
A1/ A2/ A6/ A14/ A23/
A28/ B1/ D13/ D19/
E13/ E19/ F1/ F7/ G7/
G8/ G9/ H12/ J12/
J15/ J28/ K1/ K4/ K5/
K15/ K24/ K25/ L13/
L14/ M19/ N14/ N15/
N19/ N24/ N25/ P28/
R1/ R12/ R13/ R15/
R21/ T10/ T11/ T12/
T14/ T15/ T17/ T18/
T21/ U15/ U17/ U20/
U21/ V15/ V17/ W1/
W15/ W24/ W25/
W28/ AA8/ AA9/
AA10/ AA14/ AA15/
AA20/ AB14/ AB20/
AD1/ AD24/ AG1/
AH1/ AH2/ AH8/
AH20/ AH28
vdd_dspeve
DSP-EVE voltage domain supply
PWR
J13/ K10/ K11/ K12/
K13/ L10/ L11/ L12/
M10/ M11/ M12/ M13
vdd_iva
IVA voltage domain supply
PWR
U18/ U19/ V18/ V19
vdd_gpu
GPU voltage domain supply
PWR
U11/ U12/ V10/ V11/
V14/ W10/ W11/ W13
vdd_mpu
MPU voltage domain supply
PWR
K17/ K18/ L15/ L16/
L17/ L18/ L19/ M15/
M16/ M17/ M18/ N17/
N18/ P17/ P18/ R18
vdd_rtc
RTC voltage domain supply
PWR
AB15
vdda_usb1
DPLL_USB and HS USB1 1.8V analog power supply
PWR
AA13
vssa_usb
HS USB1 and HS USB2 analog ground
GND
AB11/ AA11
vdda_usb2
HS USB2 1.8V analog power supply
PWR
AB12
vdda33v_usb1
HS USB1 3.3V analog power supply. If USB1 is not used, this pin can
alternatively be connected to VSS if the following requirements are met:
- The usb1_dm/usb1_dp pins are left unconnected
- The USB1 PHY is kept powered down
PWR
AA12
vdda33v_usb2
HS USB2 3.3V analog power supply. If USB2 is not used, this pin can
alternatively be connected to VSS if the following requirements are met:
- The usb2_dm/usb2_dp pins are left unconnected
- The USB2 PHY is kept powered down
PWR
Y12
vdda_abe_per
DPLL_ABE, DPLL_PER, and PER HSDIVIDER analog power supply
PWR
M14
vdda_ddr
DPLL_DDR and DDR HSDIVIDER analog power supply
PWR
P16
vdda_debug
DPLL_DEBUG analog power supply
PWR
N11
vdda_dsp_eve
DPLL_DSP and DPLL_EVE analog power supply
PWR
N12
vdda_gmac_core
DPLL_CORE and CORE HSDIVIDER analog power supply
PWR
P15
vdda_gpu
DPLL_GPU analog power supply
PWR
R14
vdda_hdmi
PLL_HDMI and HDMI analog power supply
PWR
Y17
vssa_hdmi
DPLL_HDMI and HDMI PHY analog ground
GND
AE19/ AD19
vdda_iva
DPLL_IVA analog power supply
PWR
R17
vdda_pcie
DPLL_PCIe_REF and PCIe analog power supply
PWR
W14
vssa_pcie
PCIe analog ground
GND
AE13/ AD13
vdda_pcie0
PCIe ch0 RX/TX analog power supply
PWR
AA17
vdda_pcie1
PCIe ch1 RX/TX analog power supply
PWR
AA16
vdda_sata
DPLL_SATA and SATA RX/TX analog power supply
PWR
V13
vssa_sata
SATA analog ground
GND
AE10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com