Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 130 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 130 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 126Page - Texas Instruments TDA2SA Datasheet HTML 127Page - Texas Instruments TDA2SA Datasheet HTML 128Page - Texas Instruments TDA2SA Datasheet HTML 129Page - Texas Instruments TDA2SA Datasheet HTML 130Page - Texas Instruments TDA2SA Datasheet HTML 131Page - Texas Instruments TDA2SA Datasheet HTML 132Page - Texas Instruments TDA2SA Datasheet HTML 133Page - Texas Instruments TDA2SA Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 427 page
background image
130
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-25. RTC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rtc_osc_xi_clkin3
2
RTC Oscillator Input. Crystal connection to internal RTC oscillator. Functions as an
RTC clock input when an external oscillator is used.
I
AE14
rtc_osc_xo
RTC Oscillator Output
O
AD14
rtc_iso(1)
RTC domain isolation signal
I
AF14
on_off
RTC Power Enable output pin
O
Y11
(1) This signal must be kept 0 if device power supplies are not valid during RTC mode and 1 during normal operation. This can typically be
achieved by connecting rtc_iso to the same signal driving porz (not rtc_porz) with appropriate voltage level translation if necessary.
4.4.20.4 System Direct Memory Access (SDMA)
NOTE
For more information, see the DMA Controllers / System DMA section of the device TRM.
Table 4-26. System DMA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
dma_evt1
System DMA Event Input 1
I
P7/ P4
dma_evt2
System DMA Event Input 2
I
N1/ R3
dma_evt3
System DMA Event Input 3
I
N6
dma_evt4
System DMA Event Input 4
I
M4
4.4.20.5 Interrupt Controllers (INTC)
NOTE
For more information, see the Interrupt Controllers section of the device TRM.
Table 4-27. INTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
nmin_dsp
Non maskable interrupt input, active-low. This pin can be optionally
routed to the DSP NMI input or as generic input to the Arm cores. Note
that by default this pin has an internal pulldown resistor enabled. This
internal pulldown should be disabled or countered by a stronger external
pullup resistor before routing to the DSP or Arm processors.
I
D21
sys_nirq2
External interrupt event to any device INTC
I
AB16
sys_nirq1
External interrupt event to any device INTC
I
AC16
4.4.20.6 Observability
NOTE
For more information, see the Control Module section of the device TRM.
Table 4-28. Observability Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
obs0
Observation Output 0
O
F10
obs1
Observation Output 1
O
G11
obs2
Observation Output 2
O
E9
obs3
Observation Output 3
O
F9
obs4
Observation Output 4
O
F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com