Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 129 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 129 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 125Page - Texas Instruments TDA2SA Datasheet HTML 126Page - Texas Instruments TDA2SA Datasheet HTML 127Page - Texas Instruments TDA2SA Datasheet HTML 128Page - Texas Instruments TDA2SA Datasheet HTML 129Page - Texas Instruments TDA2SA Datasheet HTML 130Page - Texas Instruments TDA2SA Datasheet HTML 131Page - Texas Instruments TDA2SA Datasheet HTML 132Page - Texas Instruments TDA2SA Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 427 page
background image
129
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-24. PRCM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout2
Device Clock output 2. Can be used externally for devices with non-
critical timing requirements, or for debug.
O
D18/ N1
clkout3
Device Clock output 3. Can be used externally for devices with non-
critical timing requirements, or for debug.
O
C23
rstoutn
Reset out (Active low) output is asserted low whenever any global reset
condition exists. After a brief delay, it will be set high upon removal of the
internal global reset condition (porz, warm reset). It is only functional
after its output buffer’s reference voltage (vddshv3) is valid. If it is used
as a reset for device peripheral components, then it should be AND
gated with porz to avoid the possibility of reset signal glitches during a
power up sequence.(2)
O
F23
resetn
Reset (active low) input’s falling edge can trigger a device warm reset
state from an external component. This signal should be high prior to or
simultaneous with, porz rising. If the signal is not used in the system,
resetn should be pulled high with an external pull-up resistor to vddshv3.
I
E23
porz
Power on Reset (active low) input must be asserted low during a device
power up sequence or cold reset state when all supplies are disabled.
Typically, an external PMIC is the source and sets porz high after all
supplies reach valid operating levels. Asserting porz low puts the entire
device in a safe reset state.
I
F22
xref_clk0
External Reference Clock 0. For Audio and other Peripherals.
I
D18
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
E17
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
B26
xref_clk3
External Reference Clock 3. For Audio and other Peripherals.
I
C23
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input. Functions
as the input connection to a crystal when the internal oscillator OSC0 is
used. Functions as an LVCMOS-compatible input clock when an external
oscillator is used
I
AE15
xo_osc0
System Oscillator OSC0 Crystal output
O
AD15
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input. Functions
as the input connection to a crystal when the internal oscillator OSC1 is
used. Functions as an LVCMOS-compatible input clock when an external
oscillator is used
I
AC15
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
AC13
RMII_MHZ_50_CLK(1)
RMII Reference Clock (50MHz). This pin is an input when external
reference is used or output when internal reference is used.
IO
U3
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
(2) Note that rstoutn is only valid after vddshv3 is valid. If the rstoutn signal will be used as a reset into other devices attached to the SOC, it
must be AND'ed with porz. This will prevent glitches occurring during supply ramping being propagated.
4.4.20.3 Real Time Clock (RTC) Interface
NOTE
For more information, see the Real Time Clock (RTC) SS section of the device TRM.
Table 4-25. RTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Wakeup0
RTC External Wakeup Input 0
I
AD17
Wakeup1
RTC External Wakeup Input 1
I
AC17
Wakeup2
RTC External Wakeup Input 2
I
AB16
Wakeup3
RTC External Wakeup Input 3
I
AC16
rtc_porz
RTC Power Domain Power-On Reset Input
I
AB17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com