Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 133 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 133 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 129Page - Texas Instruments TDA2SA Datasheet HTML 130Page - Texas Instruments TDA2SA Datasheet HTML 131Page - Texas Instruments TDA2SA Datasheet HTML 132Page - Texas Instruments TDA2SA Datasheet HTML 133Page - Texas Instruments TDA2SA Datasheet HTML 134Page - Texas Instruments TDA2SA Datasheet HTML 135Page - Texas Instruments TDA2SA Datasheet HTML 136Page - Texas Instruments TDA2SA Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 427 page
background image
133
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-29. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdda_usb3
DPLL_USB_OTG_SS and USB3.0 RX/TX analog power supply
PWR
W12
vssa_usb3
DPLL_USB and USB3.0 RX/TX analog ground
GND
AD10
vdda_video
DPLL_VIDEO1 and DPLL_VIDEO2 analog power supply
PWR
P14
vssa_video
DPLL_VIDEO1 and DPLL_VIDEO2 analog ground
GND
U14
vdds_mlbp
MLBP IO power supply
PWR
AA7/ Y7
vdda_mpu
DPLL_MPU analog power supply
PWR
N16
vdda_osc
HFOSC analog power supply
PWR
AE16/ AD16
vssa_osc0
OSC0 analog ground
GND
AF15
vssa_osc1
OSC1 analog ground
GND
AC14
vdda_rtc
RTC bias and RTC LFOSC analog power supply
PWR
AB13
vdds18v
1.8V power supply
PWR
W17/ W18/ V21/ V22/
T8/ R8/ P8/ N8/ M8/
M9/ H17/ G18
vdds18v_ddr1
DDR1 bias power supply
PWR
AA18/ AA19/ Y21/
W21
vdds18v_ddr2
DDR2 bias power supply
PWR
P20/ P21/ N21/ J21/
J22
vdds_ddr2
DDR2 power supply (1.8V for DDR2 mode/ 1.5V for DDR3 mode /
1.35V for DDR3L mode)
PWR
T24/ T25/ M20/ M21/
L20/ L21/ J27/ H20/
H21/ H22/ G22/ G23/
E24
vdds_ddr1
DDR1 power supply (1.8V for DDR2 mode/ 1.5V for DDR3 mode /
1.35V for DDR3L mode)
PWR
AH27/ AG20/ AG28/
AD26/ AC22/ AB21/
AB22/ AB24/ AB25/
AA21/ AA22/ W16/
W27
vddshv5
Dual Voltage (1.8V or 3.3V) power supply for the RTC Power Group
pins
PWR
V12
vddshv1
Dual Voltage (1.8V or 3.3V) power supply for the VIN2 Power Group
pins
PWR
H8/ H9/ G4/ G5/ E3/
E5
vddshv10
Dual Voltage (1.8V or 3.3V) power supply for the GPMC Power Group
pins
PWR
T4/ T5/ R7/ R10/ P10/
N4/ N5
vddshv11
Dual Voltage (1.8V or 3.3V) power supply for the MMC2 Power Group
pins
PWR
K8/ J8
vddshv2
Dual Voltage (1.8V or 3.3V) power supply for the VOUT Power Group
pins
PWR
H10/ H11/ E10/ D10/
B6
vddshv3
Dual Voltage (1.8V or 3.3V) power supply for the GENERAL Power
Group pins
PWR
H15/ H16/ H18/ H19/
G15/ E16/ E22/ D16/
D22/ B23
vddshv4
Dual Voltage (1.8V or 3.3V) power supply for the MMC4 Power Group
pins
PWR
C24
vddshv6
Dual Voltage (1.8V or 3.3V) power supply for the VIN1 Power Group
pins
PWR
AF5/ AE7/ AD5/ AD7
vddshv7
Dual Voltage (1.8V or 3.3V) power supply for the WIFI Power Group
pins
PWR
AB6/ AB7
vddshv8
Dual Voltage (1.8V or 3.3V) power supply for the MMC1 Power Group
pins
PWR
Y8/ W8
vddshv9
Dual Voltage (1.8V or 3.3V) power supply for the RGMII Power Group
pins
PWR
W4/ W5/ U10
cap_vddram_dspeve2(1)
External capacitor connection for the DSP-EVE SRAM array ldo2
output
CAP
J9
cap_vddram_dspeve1(1)
External capacitor connection for the DSP-EVE SRAM array ldo1
output
CAP
J10
cap_vbbldo_mpu(1)
External capacitor connection for the MPU vbb ldo output
CAP
J16
cap_vddram_core2(1)
External capacitor connection for the Core SRAM array ldo2 output
CAP
J19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com