Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 131 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 131 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 127Page - Texas Instruments TDA2SA Datasheet HTML 128Page - Texas Instruments TDA2SA Datasheet HTML 129Page - Texas Instruments TDA2SA Datasheet HTML 130Page - Texas Instruments TDA2SA Datasheet HTML 131Page - Texas Instruments TDA2SA Datasheet HTML 132Page - Texas Instruments TDA2SA Datasheet HTML 133Page - Texas Instruments TDA2SA Datasheet HTML 134Page - Texas Instruments TDA2SA Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 427 page
background image
131
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-28. Observability Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
obs5
Observation Output 5
O
D7
obs6
Observation Output 6
O
D8
obs7
Observation Output 7
O
A5
obs8
Observation Output 8
O
C6
obs9
Observation Output 9
O
C8
obs10
Observation Output 10
O
C7
obs11
Observation Output 11
O
A7
obs12
Observation Output 12
O
A8
obs13
Observation Output 13
O
C9
obs14
Observation Output 14
O
A9
obs15
Observation Output 15
O
B9
obs16
Observation Output 16
O
F10
obs17
Observation Output 17
O
G11
obs18
Observation Output 18
O
E9
obs19
Observation Output 19
O
F9
obs20
Observation Output 20
O
F8
obs21
Observation Output 21
O
D7
obs22
Observation Output 22
O
D8
obs23
Observation Output 23
O
A5
obs24
Observation Output 24
O
C6
obs25
Observation Output 25
O
C8
obs26
Observation Output 26
O
C7
obs27
Observation Output 27
O
A7
obs28
Observation Output 28
O
A8
obs29
Observation Output 29
O
C9
obs30
Observation Output 30
O
A9
obs31
Observation Output 31
O
B9
obs_dmarq1
DMA Request External Observation Output 1
O
G11
obs_dmarq2
DMA Request External Observation Output 2
O
D8
obs_irq1
IRQ External Observation Output 1
O
F10
obs_irq2
IRQ External Observation Output 2
O
D7
4.4.20.7 Power Supplies
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs section of the device TRM.
Table 4-29. Power Supply Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdd
Core voltage domain supply
PWR
H13/ H14/ J17/ J18/
L7/ L8/ N10/ N13/
P11/ P12/ P13/ R11/
R16/ R19/ T13/ T16/
T19/ U8/ U9/ U13/
U16/ V8/ V16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com