Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP421
Description  TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments TMP421 Datasheet HTML 17Page - Texas Instruments TMP421 Datasheet HTML 18Page - Texas Instruments TMP421 Datasheet HTML 19Page - Texas Instruments TMP421 Datasheet HTML 20Page - Texas Instruments TMP421 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Frame 1 Two-Wire Slave Address Byte
Frame 2 Pointer Register Byte
1
Start By
Master
ACK By
TMP42x-Q1
ACK By
TMP42x-Q1
Frame 3 Two-Wire Slave Address Byte
Frame 4 Data Byte 1 Read Register
Start By
Master
ACK By
TMP42x-Q1
ACK By
Master
From
TMP42x-Q1
1
9
1
9
1
9
1
9
SDA
SCL
0
0
1
R/W
P7
P6
P5
P4
P3
P2
P1
P0
¼
¼
¼
¼
SDA
(Continued)
SCL
(Continued)
SDA
(Continued)
SCL
(Continued)
1
0
0
1
1
0
0
(1)
1
0
0
(1)
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame 5 Data Byte 2 Read Register
Stop By
Master
NACK By
Master
(2)
From
TMP42x-Q1
1
9
D7
D6
D5
D4
D3
D2
D1
D0
17
TMP421-Q1, TMP422-Q1, TMP423-Q1
www.ti.com
SBOS821 – NOVEMBER 2016
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Programming (continued)
(1)
Slave address 1001100 shown.
(2)
The master must leave the SDA high to terminate a two-byte read operation.
Figure 17. Two-Wire Timing Diagram for Two-Byte Read Format
8.5.4 Serial Bus Address
To communicate with the TMP421-Q1, TMP422-Q1, and TMP423-Q1, the master must first address slave
devices via a slave address byte. The slave address byte consists of seven address bits, and a direction bit
indicating the intent of executing a read or write operation.
8.5.5 Two-Wire Interface Slave Device Addresses
The TMP421-Q1 supports nine slave device addresses and the TMP422-Q1 supports four slave device
addresses. The TMP423-Q1 has one of two factory-preset slave addresses.
The slave device address for the TMP421-Q1 is set by the A1 and A0 pins according to Table 3.
The slave device address for the TMP422-Q1 is set by the connections between the external transistors and the
TMP422-Q1 according to Figure 18 and Table 4. If one of the channels is unused, the respective DXP
connection must be connected to GND, and the DXN connection must be left unconnected. The polarity of the
transistor for external channel 2 (pins 3 and 4) sets the least significant bit of the slave address. The polarity of
the transistor for external channel 1 (pins 1 and 2) sets the next least significant bit of the slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com