Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP421
Description  TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ADC
Oscillator
Voltage
Reference
M
U
X
Register
Bank
Serial
Interface
Control
Logic
MUX
5 × I
2 × I
I
6
7
4
8
1
2
5
V+
Local
Thermal BJT
A0
SCL
SDA
DXN
DXP
GND
V+
20 × I
3
A1
Copyright © 2016, Texas Instruments Incorporated
10
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP421-Q1 is a two-channel digital temperature sensor that combines a local die temperature-
measurement channel and a remote-junction temperature-measurement channel, and is available in an 8-pin
SOT-23 package. The TMP422-Q1 (three-channel), and TMP423-Q1 (four-channel) are digital temperature
sensors that combine a local die temperature measurement channel and two or three remote junction
temperature measurement channels, respectively, in a single 8-pin SOT-23 package. These devices are two-
wire- and SMBus interface-compatible and are specified over a temperature range of –40°C to +125°C. The
TMP421-Q1, TMP422-Q1, and TMP423-Q1 each contain multiple registers for holding configuration information
and temperature measurement results.
For proper remote temperature sensing operation, the TMP421-Q1 requires only a transistor connected between
DXP and DXN pins. If the remote channel is not utilized, DXP can be left open or tied to GND.
The TMP422-Q1 requires transistors connected between DX1 and DX2 and between DX3 and DX4. Unused
channels on the TMP422-Q1 must be connected to GND. The TMP423-Q1 requires a transistor connected to
each positive channel (DXP1, DXP2, and DXP3), with the base of each channel tied to the common negative,
DXN. For an unused channel, the TMP423-Q1 DXP pin can be left open or tied to GND.
8.2 Functional Block Diagram
Figure 12. The TMP421-Q1 Supports Multiple Slave Addresses and a Single Remote Diode Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com