Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP421
Description  TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 2Page - Texas Instruments TMP421 Datasheet HTML 3Page - Texas Instruments TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Tested with less than 5-
Ω effective series resistance and 100-pF differential input capacitance.
7.5 Electrical Characteristics
at TA = –40°C to +125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TELOCAL
Local temperature sensor
TA = –40°C to +125°C
–2.5
±1.25
2.5
°C
TA = 15°C to 85°C, V+ = 3.3 V
–1.5
±0.25
1.5
TEREMOTE
Remote temperature sensor(1)
TA = 15°C to 85°C, TD = –40°C to +150°C, V+ = 3.3 V
–1
±0.25
1
°C
TA = –40°C to +100°C, TD = –40°C to +150°C, V+ = 3.3 V
–3
±1
3
TA = –40°C to +125°C, TD = –40°C to +150°C
–5
±3
5
PSS
Local and remote power-supply
sensitivity
V+ = 2.7 V to 5.5 V
–0.5
±0.2
0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion time (per channel)
100
115
130
ms
Resolution
Local temperature sensor (programmable)
12
Bits
Remote temperature sensor
12
Remote sensor source currents
High, series resistance = 3 k
Ω maximum
120
μA
Medium high
60
Medium low
12
Low
6
η
Remote transistor ideality factor
TMP42x-Q1 optimized ideality factor
1.008
SMBus INTERFACE
VIH
Logic input high voltage (SCL, SDA)
2.1
V
VIL
Logic input low voltage (SCL, SDA)
0.8
V
Hysteresis
500
mV
SMBus output low sink current
6
mA
VOL
SDA output low voltage
IOUT = 6 mA
0.15
0.4
V
Logic input current
0
≤ VIN ≤ 6 V
–1
1
μA
DIGITAL INPUTS
Input capacitance
3
pF
VIH
Input logic high voltage
0.7(V+)
(V+)+0.5
V
VIL
Input logic low voltage
–0.5
0.3(V+)
V
IIN
Leakage input current
0 V
≤ VIN ≤ V+
1
μA
POWER SUPPLY
V+
Specified voltage range
2.7
5.5
V
IQ
Quiescent current
0.0625 conversions per second
32
38
μA
Eight conversions per second
400
525
μA
Serial bus inactive, shutdown mode
3
10
μA
Serial bus active, fS = 400 kHz, shutdown mode
90
μA
Serial bus active, fS = 3.4 MHz, shutdown mode
350
μA
UVLO
Undervoltage lockout
2.3
2.4
2.6
V
POR
Power-on-reset threshold
1.6
2.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com