Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP421
Description  TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
R (W)
S
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
3500
500
1000
1500
2000
2500
3000
V+=2.7V
V+=5.5V
3
2
1
0
-1
-2
-3
Capacitance(nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
R
W
( )
S
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
3500
500
1000
1500
2000
2500
3000
V+=2.7V
V+=5.5V
60
40
20
0
-20
-40
-60
LeakageResistance(M )
W
0
5
10
15
20
25
30
R
GND
-
R
V+
-
AmbientTemperature,T (
A °C)
3
2
1
0
-1
-2
-3
-50
125
-25
0
25
50
75
100
50UnitsShown
V+=3.3V
3
2
1
0
-
1
-
2
-
3
AmbientTemperature,T ( C)
°
A
-
50
-
25
125
100
75
50
25
0
V+=3.3V
T
=+25 C
REMOTE
°
30TypicalUnitsShown
h
=1.008
8
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C and V+ = 5 V (unless otherwise noted)
Figure 2. Remote Temperature Error vs Temperature
Figure 3. Local Temperature Error vs Temperature
Figure 4. Remote Temperature Error vs Leakage Resistance
Figure 5. Remote Temperature Error vs Series Resistance
(Diode-Connected Transistor, 2N3906 PNP)
Figure 6. Remote Temperature Error vs Series Resistance
(GND Collector-Connected Transistor, 2N3906 PNP)
Figure 7. Remote Temperature Error vs Differential
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com