Electronic Components Datasheet Search
  English  ▼

X  

SSM2311 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2311
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2311 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2311 Datasheet HTML 4Page - Analog Devices SSM2311 Datasheet HTML 5Page - Analog Devices SSM2311 Datasheet HTML 6Page - Analog Devices SSM2311 Datasheet HTML 7Page - Analog Devices SSM2311 Datasheet HTML 8Page - Analog Devices SSM2311 Datasheet HTML 9Page - Analog Devices SSM2311 Datasheet HTML 10Page - Analog Devices SSM2311 Datasheet HTML 11Page - Analog Devices SSM2311 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SSM2311
Rev. 0 | Page 8 of 20
100
0.001
10
100k
FREQUENCY (Hz)
100
1k
10k
0.01
0.1
1
10
VDD = 2.5V
GAIN = 18dB
RL = 8Ω, 33µH
0.125W
0.075W
0.25W
Figure 15. THD + N vs. Frequency, VDD = 2.5 V, RL = 8 Ω, AV = 18 dB
100
0.001
10
100k
FREQUENCY (Hz)
100
1k
10k
0.01
0.1
1
10
VDD = 2.5V
GAIN = 18dB
RL = 4Ω, 33µH
0.125W
0.25W
0.5W
Figure 16. THD + N vs. Frequency, VDD = 2.5 V, RL = 4 Ω, AV = 18 dB
100
0.001
10
100k
FREQUENCY (Hz)
100
1k
10k
0.01
0.1
1
10
VDD = 2.5V
GAIN = 18dB
RL = 3Ω, 33µH
0.75W
0.38W
0.2W
Figure 17. THD + N vs. Frequency, VDD = 2.5 V, RL = 3 Ω, AV = 18 dB
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.9
3.4
3.2
2.5
5.5
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
NO LOAD
Figure 18. Supply Current vs. Supply Voltage, No Load
12
0
00
SHUTDOWN VOLTAGE (V)
.8
10
8
6
4
2
0.10.20.30.40.50.60.7
VDD = 2.5V
VDD = 5V
VDD = 3.6V
Figure 19. Shutdown Current vs. Shutdown Voltage
2.0
0
2.5
5.0
SUPPLY VOLTAGE (V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
3.0
3.5
4.0
4.5
f = 1kHz
GAIN = 18dB
RL = 8Ω, 33µH
10%
1%
Figure 20. Maximum Output Power vs. Supply Voltage, RL = 8 Ω, AV = 18 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com