Electronic Components Datasheet Search
  English  ▼

X  

SSM2311 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2311
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2311 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2311 Datasheet HTML 10Page - Analog Devices SSM2311 Datasheet HTML 11Page - Analog Devices SSM2311 Datasheet HTML 12Page - Analog Devices SSM2311 Datasheet HTML 13Page - Analog Devices SSM2311 Datasheet HTML 14Page - Analog Devices SSM2311 Datasheet HTML 15Page - Analog Devices SSM2311 Datasheet HTML 16Page - Analog Devices SSM2311 Datasheet HTML 17Page - Analog Devices SSM2311 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SSM2311
Rev. 0 | Page 14 of 20
SHUTDOWN
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.5V TO 5.0V
IN–
10µF
22nF1
300kΩ
300kΩ
37.5kΩ
37.5kΩ
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
22nF1
SD
AUDIO IN–
AUDIO IN+
SSM2311
REXT
REXT
GAIN =
300kΩ
(37.5kΩ + REXT)
Figure 45. Differential Input Configuration, User-Adjustable Gain
SHUTDOWN
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.5V TO 5.0V
IN–
10µF
22nF1
300kΩ
300kΩ
37.5kΩ
37.5kΩ
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
22nF1
SD
AUDIO IN+
SSM2311
REXT
REXT
GAIN =
300kΩ
(37.5kΩ + REXT)
Figure 46. Single-Ended Input Configuration, User-Adjustable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com