Electronic Components Datasheet Search
  English  ▼

X  

SSM2311 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2311
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2311 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2311 Datasheet HTML 6Page - Analog Devices SSM2311 Datasheet HTML 7Page - Analog Devices SSM2311 Datasheet HTML 8Page - Analog Devices SSM2311 Datasheet HTML 9Page - Analog Devices SSM2311 Datasheet HTML 10Page - Analog Devices SSM2311 Datasheet HTML 11Page - Analog Devices SSM2311 Datasheet HTML 12Page - Analog Devices SSM2311 Datasheet HTML 13Page - Analog Devices SSM2311 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SSM2311
Rev. 0 | Page 10 of 20
OUTPUT POWER (W)
100
0
02.4
0.30
0.25
0.20
0.15
0.10
0.05
0
0
OUTPUT POWER (W)
90
80
70
60
50
40
30
20
10
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
VDD = 2.5V
VDD = 3.6V
VDD = 5V
RL = 4Ω, 33µH
RL = 4Ω, 33µH
Figure 27. Efficiency vs. Output Power into 4 Ω
100
0
OUTPUT POWER (W)
90
80
70
60
50
40
30
20
10
RL = 3Ω, 33µH
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 28. Efficiency vs. Output Power into 3 Ω
0.14
0.12
0.10
0.08
0.06
0.04
OUTPUT POWER (W)
RL = 8Ω, 33µH
VDD = 5V
Figure 29. Power Dissipation vs. Output Power into 8 Ω at VDD = 5.0 V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VDD = 5V
Figure 30. Power Dissipation vs. Output Power into 4 Ω at VDD = 5.0 V
0.6
0.5
0.4
0.3
0.2
0.1
0
0
OUTPUT POWER (W)
3.2
0.20.40.60.81.01.21.41.61.8 2.02.22.42.62.83.0
RL = 3Ω, 33µH
VDD = 5V
Figure 31. Power Dissipation vs. Output Power into 3 Ω at VDD = 5.0 V
0.10
0
0
OUTPUT POWER (W)
0.9
0.08
0.06
0.04
0.02
0.10.20.30.40.50.60.70.8
RL = 8Ω, 33µH
VDD = 3.6V
Figure 32. Power Dissipation vs. Output Power into 8 Ω at VDD = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com