Electronic Components Datasheet Search
  English  ▼

X  

SSM2311 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM2311
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2311 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM2311 Datasheet HTML 12Page - Analog Devices SSM2311 Datasheet HTML 13Page - Analog Devices SSM2311 Datasheet HTML 14Page - Analog Devices SSM2311 Datasheet HTML 15Page - Analog Devices SSM2311 Datasheet HTML 16Page - Analog Devices SSM2311 Datasheet HTML 17Page - Analog Devices SSM2311 Datasheet HTML 18Page - Analog Devices SSM2311 Datasheet HTML 19Page - Analog Devices SSM2311 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SSM2311
Rev. 0 | Page 17 of 20
OUTLINE DIMENSIONS
SEATING
PLANE
0.50 BSC
BALL PITCH
1.575
1.515
1.455
1.750
1.690
1.630
0.28
0.24
0.20
0.35
0.32
0.29
0.65
0.59
0.53
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
3
B
C
BALL 1
IDENTIFIER
Figure 48. 9-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-9-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
SSM2311CBZ-R21
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-1
A1G
SSM2311CBZ-REEL1
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-1
A1G
SSM2311CBZ-REEL71
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-1
A1G
SSM2311-EVALZ1
Evaluation Board
SSM2311-MINI-EVALZ1
Evaluation Board, 7 mm × 7 mm
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com