Electronic Components Datasheet Search
  English  ▼

X  

SSM2311 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2311
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2311 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2311 Datasheet HTML 5Page - Analog Devices SSM2311 Datasheet HTML 6Page - Analog Devices SSM2311 Datasheet HTML 7Page - Analog Devices SSM2311 Datasheet HTML 8Page - Analog Devices SSM2311 Datasheet HTML 9Page - Analog Devices SSM2311 Datasheet HTML 10Page - Analog Devices SSM2311 Datasheet HTML 11Page - Analog Devices SSM2311 Datasheet HTML 12Page - Analog Devices SSM2311 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SSM2311
Rev. 0 | Page 9 of 20
3.5
0
2.5
5.0
SUPPLY VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
3.0
3.5
4.0
4.5
f = 1kHz
GAIN = 18dB
RL = 4Ω, 33µH
10%
1%
Figure 21. Maximum Output Power vs. Supply Voltage, RL = 4 Ω, AV = 18 dB
4.5
0
2.5
5.0
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
10%
1%
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
f = 1kHz
GAIN = 18dB
RL = 3Ω, 33µH
Figure 22. Maximum Output Power vs. Supply Voltage, RL = 3 Ω, AV = 18 dB
2.0
2.5
5.0
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
10%
1%
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
f = 1kHz
GAIN = 6dB
RL = 8Ω, 33µH
Figure 23. Maximum Output Power vs. Supply Voltage, RL = 8 Ω, AV = 6 dB
3.5
0
2.5
5.0
SUPPLY VOLTAGE (V)
3
2.5
2.0
1.5
1.0
0.5
3.0
3.5
4.0
4.5
f = 1kHz
GAIN = 6dB
RL = 4Ω, 33µH
10%
1%
Figure 24. Maximum Output Power vs. Supply Voltage, RL = 4 Ω, AV = 6 dB
4.5
0
2.5
5.0
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
10%
1%
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
f = 1kHz
GAIN = 6dB
RL = 3Ω, 33µH
Figure 25. Maximum Output Power vs. Supply Voltage, RL = 3 Ω, AV = 6 dB
100
0
02
OUTPUT POWER (W)
.0
90
80
70
60
50
40
30
20
10
0.20.4
0.60.81.01.2
1.41.61.8
RL = 8Ω, 33µH
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 26. Efficiency vs. Output Power into 8 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com