Electronic Components Datasheet Search
  English  ▼

X  

SSM2311 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2311
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2311 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2311 Datasheet HTML 7Page - Analog Devices SSM2311 Datasheet HTML 8Page - Analog Devices SSM2311 Datasheet HTML 9Page - Analog Devices SSM2311 Datasheet HTML 10Page - Analog Devices SSM2311 Datasheet HTML 11Page - Analog Devices SSM2311 Datasheet HTML 12Page - Analog Devices SSM2311 Datasheet HTML 13Page - Analog Devices SSM2311 Datasheet HTML 14Page - Analog Devices SSM2311 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SSM2311
Rev. 0 | Page 11 of 20
0.24
0.22
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0
OUTPUT POWER (W)
1.7
0.10.20.30.40.50.60.70.80.91.01.11.21.31.4 1.51.6
VDD = 3.6V
RL = 4Ω, 33µH
Figure 33. Power Dissipation vs. Output Power into 4 Ω at VDD = 3.6 V
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
02.0
OUTPUT POWER (W)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VDD = 3.6V
RL = 3Ω, 33µH
Figure 34. Power Dissipation vs. Output Power into 3 Ω at VDD = 3.6 V
350
0
0
OUTPUT POWER (W)
1.6
300
250
200
150
100
50
0.20.40.60.81.01.21.4
RL = 8Ω, 33µH
VDD = 5V
VDD = 3.6V
VDD = 2.5V
Figure 35. Supply Current vs. Output Power into 8 Ω
600
0
0
OUTPUT POWER (W)
2.4
500
400
300
200
100
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
RL = 4Ω, 33µH
VDD = 5V
VDD = 3.6V
VDD = 2.5V
Figure 36. Supply Current vs. Output Power into 4 Ω
800
0
0
OUTPUT POWER (W)
700
600
500
400
300
200
100
VDD = 3.6V
VDD = 5V
RL = 3Ω, 33µH
0.20.40.60.81.01.21.41.61.82.02.22.42.62.83.03.23.4
VDD = 2.5V
Figure 37. Supply Current vs. Output Power into 3 Ω
0
–100
10
FREQUENCY (Hz)
100k
100
1k
10k
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 38. Power Supply Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com