Electronic Components Datasheet Search
  English  ▼

X  

TH8082KDC Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 8Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 9Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 10Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 11Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 12Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 13Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 14Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 15Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 12 of 26
3901008082
Feb 2007
Rev 007
3. Functional Description
3.1
Initialization
After power on, the chip enters automatically the V
BAT-standby mode. In this intermediate mode the INH
output will become HIGH (VS) and therefore the ECU - voltage regulator will provide the VCC - supply. The
transceiver will remain the VBAT-standby mode until the controller sets it to normal operation (EN = High).
Only in this mode bus communication is possible. The TH8082 switches itself in the VBAT-standby mode if
VCC is missing or below the threshold.
3.2
Operating Modes
Via the EN pin it is possible to switch the TH8082 into different operating modes:
Normal Mode
The whole TH8082 is active. Switching to normal mode can only be done via the EN pin with EN=high.
Sleep Mode
The sleep mode (EN = LOW) can only be reached from normal mode and permits a very low power
consumption because the transceiver and even the external voltage regulator will be disabled. If the VCC has
been switched off a wake-up request from the bus line (remote wake up) will cause the TH8082 to enter the
VBAT-standby mode (VCC is present again) and sets the RxD output to low until the device enters the normal
operation mode (active LOW interrupt at RxD). If the INH pin is not connected to the regulator or the
inhibitable external regulator is not the one that provides the VCC - supply, the normal mode is directly
accessible by logic high on the EN pin. (wake up via mode change/local wake up)
In order to prevent an unintended wake-up caused by disturbances of the automotive environment incoming
dominant signals from the bus have to exceed the wake-up delay time.
Thermal Shutdown Mode
If the junction temperature TJ is higher than 155°C, the TH8082 will be switched into the thermal shutdown
mode. Within this mode the transmitter will be switched off.
If TJ falls below the thermal shutdown temperature (typ. 140°C) the TH8082 will be switched to the previous
state.
3.3
Mode control
EN
VCC
Comment
INH
RxD
0
0
VBAT-standby , power on
Vs
0
0
1
VBAT-standby , VCC on
Vs
X
1
1
Normal mode
Vs
Vcc = recessive
0 = dominant
0
0
Sleep mode
floating
0
0
1
Sleep mode
regulator not disabled
directly switch to normal mode with EN = 1
floating
Vcc
0
0/1
Remote wake up request
Vs
0 - Active low wake up
interrupt
Table 1 - Mode control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com