Electronic Components Datasheet Search
  English  ▼

X  

TH8082KDC Datasheet(PDF) 14 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 14 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 10Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 11Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 12Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 13Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 14Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 15Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 16Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 17Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 18Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 14 of 26
3901008082
Feb 2007
Rev 007
The receive threshold values VBUS_CNT_max and VBUS_CNT_min are symmetrical to the centre voltage of 0.5*VS
with a hysteresis of typ. 0.175*VS. Including all tolerances the LIN specific receive threshold values of 0.4*VS
and 0.6*VS will be secure observed.
The received BUS signal will be output to the RxD pin:
BUS < VBUS_CNT – 0.5 * VHYS
->
RxD = low (BUS dominant)
BUS > VBUS_CNT + 0.5 * VHYS
->
RxD = high, floating (BUS recessive)
This pin is a buffered open drain output with a typical load of:
Resistance: 2.7 kOhm
Capacitance: < 25 pF
EN-Pin
The TH8082 is switched into the sleep mode with a falling edge and into normal mode with a rising edge at
the EN pin. The normal mode will be kept as long as EN = high (See Figure 4 – Sleep mode and wake up
procedure for more details).
If the TH8082 is switched to sleep mode also a connected voltage regulator via the INH pin is switched off.
The deactivation of TH8082 with EN = low can be done independent from the state of the bus-transceiver.
The EN input is internal pulled down so that it is secured if this pin is not connected a low level will be
applied.
Datarate
The TH8082 is a constant slew rate transceiver that means the bus driver operates with a fixed slew rate
range of 1.0 V/µs ≤
∆V/∆T ≤ 3V/µs. This principle secures a very good symmetry of the slope times between
recessive to dominant and dominant to recessive slopes within the LIN bus load range (CBUS, Rterm).
The TH8082 guarantees data rates up to 20kbit within the complete bus load range under worst case
conditions. The constant slew rate principle is very robust against voltage drops and can operate with RC-
oscillator systems with a clock tolerance up to ±2% between 2 nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com