Electronic Components Datasheet Search
  English  ▼

X  

TH8082KDC Datasheet(PDF) 17 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 17 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 13Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 14Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 15Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 16Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 17Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 18Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 19Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 20Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 21Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 17 of 26
3901008082
Feb 2007
Rev 007
5.2
Min/max slope time calculation
VBUS
60%
40%
tsdom
60%
100%
0%
tsrec
Vdom
40%
Figure 8 - Slope time and slew rate calculation in accordance to LIN 1.3
The slew rate of the bus voltage is measured between 40% and 60% of the output voltage swing (linear
region). The output voltage swing is the difference between dominant and recessive bus voltage.
dV/dt = 0.2*Vswing / (t40% - t60% )
The slope time is the extension of the slew rate tangent until the upper and lower voltage swing limits:
tslope = 5 * (t40% - t60% )
The slope time of the recessive to dominant edge is directly determined by the slew rate control of the
transmitter:
tslope = Vswing / dV/dt
The dominant to recessive edge is influenced from the network time constant and the slew rate control,
because it’s a passive edge. In case of low battery voltages and high bus loads the rising edge is only
determined by the network. If the rising edge slew rate exceeds the value of the dominant one, the slew rate
control determines the rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com