Electronic Components Datasheet Search
  English  ▼

X  

TH8082KDC Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 15Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 16Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 17Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 18Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 19Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 20Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 21Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 22Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 19 of 26
3901008082
Feb 2007
Rev 007
5.4
Application Circuitry
100nF
TH8080
RxD
Voltage
Regulator
(e.g.NCV8502)
VBAT
10µ
1N4001
MCU
VCC
BUS
220pF
TxD
GND
VS
SLAVE
ECU
100nF
47nF
2.7K
10µ
100nF
TH8082
RxD
Voltage
Regulator
(e.g.NCV8501)
10µ
1N4001
MCU
VCC
BUS
220pF
TxD
GND
VS
MASTER
ECU
100nF
47nF
2.7K
10µ
VIN
VOUT
ENABLE
INH
1K
EN
RESET
47nF
LIN
10K
10K
RESET
VIN
VOUT
10k
Figure 10 - Application Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com