Electronic Components Datasheet Search
  English  ▼

X  

TH8082KDC Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 16Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 17Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 18Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 19Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 20Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 21Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 22Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 23Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 24Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 20 of 26
3901008082
Feb 2007
Rev 007
6. Pin Description
TH8082
1
2
3
4
8
7
6
5
RxD
GND
TxD
EN
INH
VS
BUS
VCC
Figure 11 - Pin description SOIC8 package
Pin
Name
IO-Typ
Description
1
RXD
O
Receive data from BUS to core, LOW in dominant state
2
EN
I
Enables the normal operation mode when HIGH
3
VCC
P
5V supply input
4
TXD
I
Transmit data from core to BUS, LOW in dominant state
5
GND
G
Ground
6
BUS
I/O
LIN bus pin, LOW in dominant state
7
VS
P
Battery input voltage
8
INH
O
Control output for voltage regulator, termination pin for master pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com