Electronic Components Datasheet Search
  English  ▼

X  

TH8082KDC Datasheet(PDF) 18 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 18 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 14Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 15Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 16Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 17Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 18Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 19Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 20Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 21Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 22Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 18 of 26
3901008082
Feb 2007
Rev 007
5.3
Duty Cycle Calculation
TxD
BUS
RxD
VSUP
58.1%
28.4%
100%
74.4%
42.2%
tdom(max)
tdom(min)
trec(min)
trec(max)
0%
VSS
58.1%
28.4%
tBit
tBit
Figure 9 - Duty cycle calculation in accordance to LIN 2.0
With the timing parameters shown in Figure 9 two duty cycles , based on trec(min) and trec(max) can be
calculated as follows :
D1 = trec(min) / (2 * tBit)
D2 = trec(max) / (2 * tBit)
For proper operation at 20KBit/s ( tBit = 50µs) the LIN driver has to fulfil the duty cycles specified in chapter
2.4 Dynamic Characteristics for supply voltages of 7 to 18V and the defined standard loads .
Due to this simplified definition there is no need to measure slew rates, slope times, transmitter delays and
dominant voltage levels as specified in the LIN physical layer specification 1.3.
The device within the D1/D2 duty cycle range operates also in applications with reduced bus speed of
10.4KBit/s or below.
In order to minimize EME, the slew rates of the transmitter can be reduced (approximately by 2 times). Such
devices have to fulfil the duty cycle definition D3/D4 in the LIN physical layer specification 2.0. Devices within
this duty cycle range cannot operate in 20KBit/s applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com