Electronic Components Datasheet Search
  English  ▼

X  

MLX90121 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX90121 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 4 of 26
Data Sheet
Rev. 007
Jan-2008
6. MLX90121 Specific Specifications
DC Operating Parameters TA = -40
oC to 85oC, or 0oC to +70oC according to the version, V
DD = 5V (unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Transmitter specifications
Peak voltage applied on drain of
output transistor
32
V
Output transistor power dissipation
With heat sink
600
mW
Output transistor ON resistance
Id = 50 mA
2
5
Ω
Output power for five volts
operation
See note 1
250
mW
Amplitude modulation depth
adjustment range, in 10% mode,
with external resistor connected
between RMOD pin and ground.
See note 1
0
90
%
Amplitude modulation depth in
10% mode with nominal external
resistor (10
Ω)
See note 1
8
10
14
%
Minimum depth for 100% ASK
See note 1
40
dB
Rise time for 100% ASK
50 Ohms load - 5% to 60%
50 Ohms load - 5% to 90%
0.2
0.3
0.4
1.5
s
s
Fall time for 100% ASK
50 Ohms load - 100% to 5%
0.6
s
Rise and fall time for 10%
modulation depth ( nominal
external resistor used)
50 Ohms load
0.2
s
Receiver specifications
Small signal input impedance (RX)
100
k
Ω
Input RF voltage range (RX – VSS)
With 4.7k
Ω series external resistor
2
3
Vpp
Receiver sensitivity
See note 2
-35
-45
dBm
FSK IF filter cut off points
200-1400
kHz
Gain, in FSK mode (FM output)
120
dB
Gain, in ASK mode (AM output)
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com