Electronic Components Datasheet Search
  English  ▼

X  

MLX90121 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90121 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 1 of 26
Data Sheet
Rev. 007
Jan-2008
Features and Benefits
Conforms with ISO14443A
(1)(3)
Conforms with ISO14443B
(2)
Confroms with ISO15693
(3)
Programmable encoder and decoder
Low external component count
Applications
Portable data terminals
Access control readers
Contact-less payment terminals
Smart label printer
(1).Purchase of MLX90121s doesn’t imply any grant of any ISO14443A license. Customers are advised to sign patent licensing
agreements with all third parties, especially those companies listed in the introduction of the corresponding standard.
(2) RATP / Innovatron Technology
(3) Conformance with ISO/IEC15693 “long distance mode” (6.6kb/s ASK) and ISO/IEC14443A is limited to a temperature range from
O°C to 85°C.
Ordering Information
Part No.
Temperature Suffix
Package Code
Option code
MLX90121
C (0°C to 70°C)
FR (Lead free SSOP20, 20 9 mils)
--
MLX90121
E (-40°C to 85°C)
FR (Lead free SSOP20, 2 09 mils)
--
1. Functional Diagram
Microcontroller
MLX90121
Serial data
interface
TX
RX
Impedance
matching
Attenuation
resistor
Analog
functions
Digital
functions
2. Description
The MLX90121 is an ISO compliant 13.56MHz
RFID transceiver integrated circuit.
The main features include user selectable
modulation depth in write mode, whereas single
sub-carrier ASK, FSK and PSK modulations are
recognized in the read mode.
The receiver is based on a diode envelope
detector, followed by an IF filter and amplifier. A
logarithmic amplifier is used for single sub-
carrier ASK detection, ensuring fast and clean
data recovery. The limiting output of the log amp
is used for FSK and PSK recovery.
The transmitter uses a built in open drain output
transistor, which can provide up to 250 miliwatts
of RF power to a 50 ohms load with a 5 volts
power supply using the recommended matching
network. This is suitable for most short to mid
range applications. A simplified antenna and
matching network can be used, at the expense
of a reduced reading range, for example in
hand-held reader applications.
The chip is configured with a serial interface. A
synchronization signal is available when the
majority voting is used.
Digital part contains ASK, FSK (423 / 484kHz)
and
PSK
(847kHz)
decoders
and
a
programmable
encoder
to
facilitate
data
handling with a low cost microcontroller. The
encoder can be programmed with 6 different
patterns.
The chip can also be used as an analog front-
end, in direct mode.


Similar Part No. - MLX90121

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129 Datasheet
35Kb / 1P
13,56MHz Wireless Sensor Tag
MLX90129 MELEXIS-MLX90129 Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
MLX90129 MELEXIS-MLX90129 Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
MLX90129RGOCAA-000RE MELEXIS-MLX90129RGOCAA-000RE Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
MLX90129RGOCAA-000TU MELEXIS-MLX90129RGOCAA-000TU Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
More results

Similar Description - MLX90121

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
13.56MHz RFID Transponder
August 13, 2001
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
November 23, 2004
HT6740 HOLTEK-HT6740 Datasheet
875Kb / 7P
13.56MHz RFID Transponder
November 23, 2004
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90131 MELEXIS-MLX90131 Datasheet
36Kb / 1P
13.56MHz RFID/NFC Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
A9290-A-0D AMICC-A9290-A-0D Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Melexis Microelectronic...
MLX90132 MELEXIS-MLX90132 Datasheet
2Mb / 44P
13.56MHz RFID / NFC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com